Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4UE-E-G1-SR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ASI4UE-E-G1-SR
Description  3.0 Compliant Universal AS-I IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4UE-E-G1-SR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ASI4UE-E-G1-SR Datasheet HTML 7Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 8Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 9Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 10Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 11Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 12Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 13Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 14Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
11 of 63
1.2. Operating Conditions
Table 2: Operating Conditions
Symbol
Parameter
Min
Max.
Unit
Note
VUIN
Positive supply voltage for IC operation
16
33.1
V
1
V0V, VGND
Negative supply voltage
0
0
V
VASIP
DC voltage at ASIP relating to V0V
16
33.1
V
2
VASIN
DC voltage at ASIN relating to V0V
-4
4
V
2
IUIN
Operating current at VUIN = 30V
6
mA
3
ICL1
Max. output sink current at pins DO3...DO0, DSR
10
mA
ICL2
Max. output sink current at pins P0...P3, PST
10
mA
amb
Ambient temperature range, operating range (ASI4U)
ASI4U-E
ASI4U-F
-25
-25
-40
85
105
85
°C
°C
°C
1 DC-Parameter:
VUINmin = VUOUTmin + VDROPmax
VUINmax = VUOUTmax + VDROPmin
Below V
UINmin the power supply block may not be able to provide the specified output currents at
UOUT and U5R.
2 Outside of these limits the send current shape and send current amplitude cannot be guaranteed.
3 f
c = 8.000 MHz, no load at any pin, transmitter turned off, digital state machine is in idle state
Table 3: Crystal Frequency
Symbol
Parameter
Nom.
Unit
Note
fc
Crystal frequency
8.000/16.000 MHz
4
4 The IC automatically detects whether the crystal frequency is 8.000MHz or 16.000MHz and controls
the internal clock circuit accordingly. The frequency detection is locked as soon as one AS-i telegram
was correctly received at any input channel. It can be reset by Power On Reset only.
Note: In Slave Mode the locking occurs if a Master Call was received. In Master-/ Repeater-/Monitor
Mode a Master Call or a Slave Response that was received on any input channel, triggers the
frequency locking.
The ASI4U supports an integrated clock watchdog. If no crystal or clock oscillation is recognized for 150µs the
IC generates a RESET event until clock oscillation is available.
More detailed oscillator pin definitions can be found in chapter 3.10 on page 6.
1.3. Quality Standards
The quality of the IC will be ensured according to the ZMDI quality standards. Functional device parameters
are valid for device operating conditions specified in chapter 1.2. Production device tests are performed within
the recommended ranges of VASIP - VASIN, VIN - V0V, amb = + 25°C (+ 85°C and - 25°C/[-40°C ASI4U-F] on
sample base only) unless otherwise stated.


Similar Part No. - ASI4UE-E-G1-SR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ASI4UE-E-G1-SR IDT-ASI4UE-E-G1-SR Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
More results

Similar Description - ASI4UE-E-G1-SR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
PHOENIX CONTACT
2773607 PHOENIX-2773607 Datasheet
67Kb / 4P
   AS-Interface (AS-i)-Gateway for PROFIBUS DP with extended function, double master, IP20 degree of protection, as per AS-i specification 3.0
logo
List of Unclassifed Man...
OCM14102-U2-D ETC2-OCM14102-U2-D Datasheet
1Mb / 4P
   PCIe 3.0 compliant
logo
Festo Corporation.
549045 FESTO-549045 Datasheet
100Kb / 2P
   AS-i module
8/10/22
549044 FESTO-549044 Datasheet
97Kb / 2P
   AS-i module
8/10/22
542125 FESTO-542125 Datasheet
80Kb / 1P
   AS-i module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com