Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L60030M-3PQ Datasheet(PDF) 1 Page - Littelfuse

Part # L60030M-3PQ
Description  Class CC/CD and Midget Fuse Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L60030M-3PQ Datasheet(HTML) 1 Page - Littelfuse

  L60030M-3PQ Datasheet HTML 1Page - Littelfuse L60030M-3PQ Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blocks and Holders
125
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
Class CC/CD and Midget Fuse Blocks
600 Volt
Space saving 600 volt, 30 amp molded case fuse blocks with side
barriers for isolation. Class CC blocks and Midget blocks are identical
except Class CC blocks incorporate a rejection feature to assure proper
fusing.
Safety
• Rejection feature — Class CC fuse blocks have a rejection feature
which prevents the insertion of fuses with lower interrupting rating
or voltage ratings. Class CC fuses are rated 600 volts and have an
interrupting rating of 200,000 amperes. Midget fuse voltage ratings
vary and their interrupting rating may be as low as 10,000 amperes.
Note that Class CC fuses may be used in Midget fuse blocks, but Midget
fuses cannot be used in Class CC blocks.
Long life
• High-strength materials — Class CC and Midget fuse blocks are
molded of high-strength, high-temperature material to minimize
block breakage during handling and installation, as well as damage
caused by overheating.
• Reduced resistance, less heat — High conductivity, one-piece copper
alloy fuse clips have lower resistance than traditional two-piece brass
or phosphor bronze fuse clips, which minimizes heat rise and watts
loss within the fuse block.
Reduced inventory
• Gangable — Interlocking fuse blocks allow ganging to produce a fuse
block with any number of poles.
• Flexible terminal arrangements — 30A Class CC and Midget fuse
blocks are available with type C box lug, type SQ screw, or type
PQ pressure plate terminals. Type SQ terminals have binding-head
screws, while type PQ terminals have captive pressure plates. Both
terminal types can accommodate side or top mounted quick-connect
terminals. This flexibility allows the accommodation of most needs
and reduces part inventory requirements.
• 60A CD fuse blocks are available with type C box lug terminals.
• DIN rail mountable — FBDIN1 adapters permit snap-mounting
Littelfuse Class CC and Midget 30 amp fuse blocks directly to
standard or low profile 35mm symmetrical “hat” and 32mm
asymmetrical DIN rails. Patented DIN rail adapters snap securely to
Littelfuse fuse blocks and to DIN rails without tools. They can be
readily removed from rails by lifting the disconnect tab.
• L60060C 60A fuse blocks have patented integral DIN rail adapters
which allow direct mounting to 35mm “hat” type DIN rails.
Specifications
Voltage Rating:
600 Volts AC/600 Volts DC
Ampere ratings:
L60030C: 30 amps
L60030M: 30 amps
L60060C: 60 amps
Dielectric strength: 1200 volts minimum
Clip/terminals:
Tin-plated copper alloy
Box lug:
Copper
Screw and captive pressure plate: Zinc-plated steel
Base:
Thermoplastic. UL 94VO flammability rating.
Approvals:
Class CC:
UL Listed (File No. E14721)
Midget:
UL Recognized (File No. E14721)
Class CC/Midget:
CSA Certified (File No. LR7316)
Recommended Fuses
Class CC Blocks:
CCMR
KLDR
KLKR
Midget Blocks:
BLF
BLS
FLM
FLU
KLKD
LA60Q-2
BLN
FLA
FLQ
KLK
KLQ
Class CD Blocks:
CCMR
Note: L60030M can be used up to 40A.


Similar Part No. - L60030M-3PQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030M-3PQ LITTELFUSE-L60030M-3PQ Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M-3PQ LITTELFUSE-L60030M-3PQ Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
More results

Similar Description - L60030M-3PQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
CCMR LITTELFUSE-CCMR_13 Datasheet
722Kb / 6P
   Class CC/CD CCMR Series FUSES
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com