Electronic Components Datasheet Search |
|
GRM0335C2A5R4DA01 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
GRM0335C2A5R4DA01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 182 page C02E.pdf Sep.25,2013 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 2 Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog. o Part Numbering (Part Number) w qProduct ID wSeries Chip Monolithic Ceramic Capacitors for General GJ GM GQ GR KR LL M A D M 3 J M 3 M A L M R High frequency HiQ type 1005(in mm)/0402(in inch) size max. Top & bottom electrode type for bonding Product for bonding/AuSn soldering High frequency HiQ type 1608(in mm)/0603(in inch) size min. High effective capacitance & High allowable ripple current Resin external electrode type General purpose products Metal terminal type/High effective capacitance & High allowable ripple current Metal terminal type 8-terminal low ESL type LW reversed low ESL type 10-terminal low ESL type Controlled ESR low ESL type Product ID Code Series GR q M e 18 r 8 t B1 y 1H u 102 i K o A01 eChip Dimensions (LgW) !0 D Code 0.4 g0.2mm 0.6 g0.3mm 0.5 g0.5mm 0.8 g0.8mm 0.38 g0.38mm 1.0 g0.5mm 1.6 g0.8mm 0.6 g1.0mm 2.0 g1.25mm 2.8 g2.8mm 3.2 g1.6mm 3.2 g2.5mm 4.5 g2.0mm 4.5 g3.2mm 5.7 g5.0mm Dimensions (L gW) 01005 0201 0202 0303 015015 0402 0603 02404 0805 1111 1206 1210 1808 1812 2220 Size Code (in inch) 02 03 05 08 0D 15 18 1U 21 22 31 32 42 43 55 A B C D E M Q R S X 1.0mm 1.25mm 1.6mm 2.0mm 2.5mm 1.15mm 1.5mm 1.8mm 2.8mm Depends on individual standards. rHeight Dimension (T) (Except KRp) Code 2 3 4 5 6 7 8 9 0.2mm 0.3mm 0.4mm 0.5mm 0.6mm 0.7mm 0.8mm 0.85mm Dimension (T) rHeight Dimension (T) (KRp Only) Code E F K L Q T W 1.8mm 1.9mm 2.7mm 2.8mm 3.7mm 4.8mm 6.4mm Dimension (T) Continued on the following page. |
Similar Part No. - GRM0335C2A5R4DA01 |
|
Similar Description - GRM0335C2A5R4DA01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |