Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F536A-IT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F536A-IT
Description  8/4/2 kB ISP Flash MCU Family
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F536A-IT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F536A-IT Datasheet HTML 6Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 7Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 8Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 9Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 10Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 11Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 12Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 13Page - Silicon Laboratories C8051F536A-IT Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 221 page
background image
C8051F52x/F53x
10
Rev. 1.4
List of Registers
SFR Definition 4.4. ADC0MX: ADC0 Channel Select ................................................... 64
SFR Definition 4.5. ADC0CF: ADC0 Configuration ..................................................... 65
SFR Definition 4.6. ADC0H: ADC0 Data Word MSB .................................................... 66
SFR Definition 4.7. ADC0L: ADC0 Data Word LSB ..................................................... 66
SFR Definition 4.8. ADC0CN: ADC0 Control ............................................................... 67
SFR Definition 4.9. ADC0TK: ADC0 Tracking Mode Select ........................................ 68
SFR Definition 4.10. ADC0GTH: ADC0 Greater-Than Data High Byte ........................ 69
SFR Definition 4.11. ADC0GTL: ADC0 Greater-Than Data Low Byte ......................... 69
SFR Definition 4.12. ADC0LTH: ADC0 Less-Than Data High Byte .............................. 70
SFR Definition 4.13. ADC0LTL: ADC0 Less-Than Data Low Byte ............................... 70
SFR Definition 5.1. REF0CN: Reference Control ......................................................... 73
SFR Definition 6.1. REG0CN: Regulator Control .......................................................... 75
SFR Definition 7.1. CPT0CN: Comparator0 Control ..................................................... 78
SFR Definition 7.2. CPT0MX: Comparator0 MUX Selection ........................................ 79
SFR Definition 7.3. CPT0MD: Comparator0 Mode Selection ....................................... 80
SFR Definition 8.1. SP: Stack Pointer ........................................................................... 87
SFR Definition 8.2. DPL: Data Pointer Low Byte .......................................................... 87
SFR Definition 8.3. DPH: Data Pointer High Byte ......................................................... 87
SFR Definition 8.4. PSW: Program Status Word .......................................................... 88
SFR Definition 8.5. ACC: Accumulator ......................................................................... 89
SFR Definition 8.6. B: B Register .................................................................................. 89
SFR Definition 8.7. PCON: Power Control .................................................................... 91
SFR Definition 10.1. IE: Interrupt Enable .................................................................... 100
SFR Definition 10.2. IP: Interrupt Priority .................................................................... 101
SFR Definition 10.3. EIE1: Extended Interrupt Enable 1 ............................................ 102
SFR Definition 10.4. EIP1: Extended Interrupt Priority 1 ............................................ 103
SFR Definition 10.5. IT01CF: INT0/INT1 Configuration .............................................. 105
SFR Definition 11.1. VDDMON: VDD Monitor Control ................................................ 109
SFR Definition 11.2. RSTSRC: Reset Source ............................................................ 112
SFR Definition 12.1. PSCTL: Program Store R/W Control ......................................... 119
SFR Definition 12.2. FLKEY: Flash Lock and Key ...................................................... 119
SFR Definition 13.1. XBR0: Port I/O Crossbar Register 0 .......................................... 127
SFR Definition 13.2. XBR1: Port I/O Crossbar Register 1 .......................................... 128
SFR Definition 13.3. P0: Port0 .................................................................................... 129
SFR Definition 13.4. P0MDIN: Port0 Input Mode ........................................................ 129
SFR Definition 13.5. P0MDOUT: Port0 Output Mode ................................................. 130
SFR Definition 13.6. P0SKIP: Port0 Skip .................................................................... 130
SFR Definition 13.7. P0MAT: Port0 Match ................................................................. 131
SFR Definition 13.8. P0MASK: Port0 Mask ................................................................ 131
SFR Definition 13.9. P1: Port1 .................................................................................... 132
SFR Definition 13.10. P1MDIN: Port1 Input Mode ...................................................... 132
SFR Definition 13.11. P1MDOUT: Port1 Output Mode ............................................... 133
SFR Definition 13.12. P1SKIP: Port1 Skip .................................................................. 133


Similar Part No. - C8051F536A-IT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F536-IM SILABS-C8051F536-IM Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F536-IM SILABS-C8051F536-IM Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F536-IT SILABS-C8051F536-IT Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F536-IT SILABS-C8051F536-IT Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results

Similar Description - C8051F536A-IT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F2XX SILABS-C8051F2XX Datasheet
1Mb / 146P
   Mixed Signal 8 kB ISP Flash MCU Family
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
   8 k ISP Flash MCU Family
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
   8 k ISP Flash MCU Family
Rev. 1.2
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com