Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F99X Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F99X
Description  25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F99X Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F99X_14 Datasheet HTML 1Page - Silicon Laboratories C8051F99X_14 Datasheet HTML 2Page - Silicon Laboratories C8051F99X_14 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra Low-Power MCU
Copyright © 2010 by Silicon Laboratories
5.18.2010
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F99x
25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
Selected Electrical Specifications
(At 25 C°)
C8051F9xx Ultra Low Power Product Family
Parameter
Conditions
Min
Typ
Max
Units
Supply Input Voltage
1.8
3.6
V
Supply Current with CPU Active
Clock = 24.5 MHz
(±2% internal precision oscillator)
—150
µA/MHz
Supply Current (shutdown)
(VBAT = 1.8 V)
Sleep mode; BOD off
.010
µA
Sleep mode; BOD on
.050
µA
Sleep mode; smaRTClock running
.300
µA
Clock Frequency Range
DC
25
MHz
Wakeup Time
2
µs
Analog Settling Time
1.5
µs
Internal Oscillator
Frequency
Precision oscillator
24
24.5
25
MHz
Low power oscillator
18
20
22
MHz
A/D Converter
Resolution
12/10
bits
Throughput Rate
75/300
ksps
Capacitive to Digital Converter
Resolution
16
bits
CDC Conversion Time
40
µs
Part #
Flash
Mem.
RAM
(Bytes)
MIPS
(Peak)
Digital
I/O
Communications
ADC
Sensing
Channels
Operating
Voltage
Package
Dev kit
C8051F930
64 kB
4352
25
24
EMIF, I2C, 2xSPI, UART
10-bit
0.9–3.6 V
QFN32/LQFP32
C8051F930DK
C8051F931
64 kB
4352
25
16
I2C, 2xSPI, UART
10-bit
0.9–3.6 V
QFN24
C8051F930DK
C8051F920
32 kB
4352
25
24
EMIF, I2C, 2xSPI, UART
10-bit
0.9–3.6 V
QFN32/LQFP32
C8051F930DK
C8051F921
32 kB
4352
25
16
I2C, 2xSPI, UART
10-bit
0.9–3.6 V
QFN24
C8051F930DK
C8051F911
16 kB
768
25
16
I2C, 2xSPI, UART
10-bit
0.9–3.6 V
QFN24/QSOP24
C8051F912DK
C8051F912
16 kB
768
25
16
I2C, 2xSPI, UART
12-bit
0.9–3.6 V
QFN24/QSOP24
C8051F912DK
C8051F901
8 kB
768
25
16
I2C, 2xSPI, UART
10-bit
0.9–3.6 V
QFN24/QSOP24
C8051F912DK
C8051F902
8 kB
768
25
16
I2C, 2xSPI, UART
12-bit
0.9–3.6 V
QFN24/QSOP24
C8051F912DK
C8051F980
8 kB
512
25
16
I2C, SPI, UART
12-bit
1.8–3.6 V
QFN20
C8051F996DK
C8051F981
8 kB
512
25
16
I2C, SPI, UART
1.8–3.6 V
QFN20
C8051F996DK
C8051F982
4 kB
512
25
16
I2C, SPI, UART
10-bit
1.8–3.6 V
QFN20
C8051F996DK
C8051F983
4 kB
512
25
16
I2C, SPI, UART
1.8–3.6 V
QFN20
C8051F996DK
C8051F985
2 kB
512
25
16
I2C, SPI, UART
1.8–3.6 V
QFN20
C8051F996DK
C8051F986
8 kB
512
25
17
I2C, SPI, UART
12-bit
1.8–3.6 V
QFN24/QSOP24
C8051F996DK
C8051F987
8 kB
512
25
17
I2C, SPI, UART
1.8–3.6 V
QFN24/QSOP24
C8051F996DK
C8051F988
4 kB
512
25
17
I2C, SPI, UART
10-bit
1.8–3.6 V
QFN24/QSOP24
C8051F996DK
C8051F989
4 kB
512
25
17
I2C, SPI, UART
1.8–3.6 V
QFN24/QSOP24
C8051F996DK
C8051F990
8 kB
512
25
16
I2C, SPI, UART
12-bit
13
1.8–3.6 V
QFN20
C8051F996DK
C8051F991
8 kB
512
25
16
I2C, SPI, UART
13
1.8–3.6 V
QFN20
C8051F996DK
C8051F996
8 kB
512
25
17
I2C, SPI, UART
12-bit
14
1.8–3.6 V
QFN24/QSOP24
C8051F996DK
C8051F997
8 kB
512
25
17
I2C, SPI, UART
14
1.8–3.6 V
QFN24/QSOP24
C8051F996DK


Similar Part No. - C8051F99X_14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F99X SILABS-C8051F99X_10 Datasheet
2Mb / 322P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
More results

Similar Description - C8051F99X_14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F99X SILABS-C8051F99X Datasheet
53Kb / 2P
   25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
C8051F980-C-GM SILABS-C8051F980-C-GM Datasheet
2Mb / 325P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F99X SILABS-C8051F99X_10 Datasheet
2Mb / 322P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F315 SILABS-C8051F315 Datasheet
434Kb / 2P
   25 MIPS, 8 kB Flash, 28-Pin Mixed-Signal MCU
C8051F231 SILABS-C8051F231 Datasheet
427Kb / 2P
   25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F236 SILABS-C8051F236 Datasheet
415Kb / 2P
   25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F303 SILABS-C8051F303 Datasheet
179Kb / 2P
   25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU
C8051F314 SILABS-C8051F314 Datasheet
162Kb / 2P
   25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F230 SILABS-C8051F230 Datasheet
414Kb / 2P
   25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F331 SILABS-C8051F331 Datasheet
424Kb / 2P
   25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com