Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300-GS Datasheet(PDF) 62 Page - Silicon Laboratories

Part # C8051F300-GS
Description  Mixed Signal ISP Flash MCU Family
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F300-GS Datasheet(HTML) 62 Page - Silicon Laboratories

Back Button C8051F300-GS Datasheet HTML 58Page - Silicon Laboratories C8051F300-GS Datasheet HTML 59Page - Silicon Laboratories C8051F300-GS Datasheet HTML 60Page - Silicon Laboratories C8051F300-GS Datasheet HTML 61Page - Silicon Laboratories C8051F300-GS Datasheet HTML 62Page - Silicon Laboratories C8051F300-GS Datasheet HTML 63Page - Silicon Laboratories C8051F300-GS Datasheet HTML 64Page - Silicon Laboratories C8051F300-GS Datasheet HTML 65Page - Silicon Laboratories C8051F300-GS Datasheet HTML 66Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 179 page
background image
C8051F300/1/2/3/4/5
62
Rev. 2.9
JNZ rel
Jump if A does not equal zero
2
2/3
CJNE A, direct, rel
Compare direct byte to A and jump if not equal
3
3/4
CJNE A, #data, rel
Compare immediate to A and jump if not equal
3
3/4
CJNE Rn, #data, rel
Compare immediate to Register and jump if not
equal
3
3/4
CJNE @Ri, #data, rel
Compare immediate to indirect and jump if not
equal
3
4/5
DJNZ Rn, rel
Decrement Register and jump if not zero
2
2/3
DJNZ direct, rel
Decrement direct byte and jump if not zero
3
3/4
NOP
No operation
1
1
Notes on Registers, Operands and Addressing Modes:
Rn - Register R0-R7 of the currently selected register bank.
@Ri - Data RAM location addressed indirectly through R0 or R1.
rel - 8-bit, signed (two’s complement) offset relative to the first byte of the following instruction. Used by
SJMP and all conditional jumps.
direct - 8-bit internal data location’s address. This could be a direct-access Data RAM location (0x00-
0x7F) or an SFR (0x80-0xFF).
#data - 8-bit constant
#data16 - 16-bit constant
bit - Direct-accessed bit in Data RAM or SFR
addr11 - 11-bit destination address used by ACALL and AJMP. The destination must be within the same
2K-byte page of program memory as the first byte of the following instruction.
addr16 - 16-bit destination address used by LCALL and LJMP. The destination may be anywhere within
the 8K-byte program memory space.
There is one unused opcode (0xA5) that performs the same function as NOP.
All mnemonics copyrighted © Intel Corporation 1980.
Table 8.1. CIP-51 Instruction Set Summary (Continued)
Mnemonic
Description
Bytes
Clock
Cycles


Similar Part No. - C8051F300-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
   8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
logo
List of Unclassifed Man...
C8051F300-GM ETC-C8051F300-GM Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300-GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com