Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300-GS Datasheet(PDF) 76 Page - Silicon Laboratories

Part # C8051F300-GS
Description  Mixed Signal ISP Flash MCU Family
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F300-GS Datasheet(HTML) 76 Page - Silicon Laboratories

Back Button C8051F300-GS Datasheet HTML 72Page - Silicon Laboratories C8051F300-GS Datasheet HTML 73Page - Silicon Laboratories C8051F300-GS Datasheet HTML 74Page - Silicon Laboratories C8051F300-GS Datasheet HTML 75Page - Silicon Laboratories C8051F300-GS Datasheet HTML 76Page - Silicon Laboratories C8051F300-GS Datasheet HTML 77Page - Silicon Laboratories C8051F300-GS Datasheet HTML 78Page - Silicon Laboratories C8051F300-GS Datasheet HTML 79Page - Silicon Laboratories C8051F300-GS Datasheet HTML 80Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 179 page
background image
C8051F300/1/2/3/4/5
76
Rev. 2.9
SFR Definition 8.8.
Bits7–6: UNUSED. Read = 11b, Write = don't care.
Bit5:
PT2: Timer 2 Interrupt Priority Control.
This bit sets the priority of the Timer 2 interrupt.
0: Timer 2 interrupts set to low priority level.
1: Timer 2 interrupts set to high priority level.
Bit4:
PS0: UART0 Interrupt Priority Control.
This bit sets the priority of the UART0 interrupt.
0: UART0 interrupts set to low priority level.
1: UART0 interrupts set to high priority level.
Bit3:
PT1: Timer 1 Interrupt Priority Control.
This bit sets the priority of the Timer 1 interrupt.
0: Timer 1 interrupts set to low priority level.
1: Timer 1 interrupts set to high priority level.
Bit2:
PX1: External Interrupt 1 Priority Control.
This bit sets the priority of the External Interrupt 1 interrupt.
0: External Interrupt 1 set to low priority level.
1: External Interrupt 1 set to high priority level.
Bit1:
PT0: Timer 0 Interrupt Priority Control.
This bit sets the priority of the Timer 0 interrupt.
0: Timer 0 interrupts set to low priority level.
1: Timer 0 interrupts set to high priority level.
Bit0:
PX0: External Interrupt 0 Priority Control.
This bit sets the priority of the External Interrupt 0 interrupt.
0: External Interrupt 0 set to low priority level.
1: External Interrupt 0 set to high priority level.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
PT2
PS0
PT1
PX1
PT0
PX0
11000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0xB8
IP: Interrupt Priority


Similar Part No. - C8051F300-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
   8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
logo
List of Unclassifed Man...
C8051F300-GM ETC-C8051F300-GM Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300-GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com