Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136M-V Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 6N136M-V
Description  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N136M-V Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 6N136M-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd 6N136M-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DATASHEET
8PIN DIP HIGH SPEED 1M bit/s TRANSISTOR PHOTO COUPLER
6N135 6N136 EL450x series
10
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No:DPC-0000112 Rev.3
www.everlight.com
Recommended pad layout for surface mount leadform
Device Marking
Notes
EL
denotes EVERLIGHT
4502
denotes Device Number
6N136
denotes Device Number
Y
denotes 1 digit Year code
WW
denotes 2 digit Week code
V
denotes VDE (optional)
EL
4502
YWWV
EL
6N136
YWWV


Similar Part No. - 6N136M-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N136M FAIRCHILD-6N136M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
logo
Shenzhen Tenand Technol...
6N136M TENAND-6N136M Datasheet
241Kb / 10P
   LITE-ON TECHNOLOGY CORP
logo
Fairchild Semiconductor
6N136M FAIRCHILD-6N136M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
CT Micro International ...
6N136M CTMICRO-6N136M Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
ON Semiconductor
6N136M ONSEMI-6N136M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
More results

Similar Description - 6N136M-V

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
   HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com