Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N135 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 6N135
Description  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N135 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  6N135 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATASHEET
8PIN DIP HIGH SPEED 1M bit/s TRANSISTOR PHOTO COUPLER
6N135 6N136 EL450x series
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No:DPC-0000112 Rev.3
www.everlight.com
Electrical Characteristics (TA=0 to 70°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
-
1.45
1.8
V
IF =16mA
Reverse Voltage
VR
5.0
-
-
V
IR = 10µA
Temperature
coefficient of forward
voltage
∆VF/∆TA
-
-1.9
-
mV/°C
IF =16mA
Output
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Logic High Output
Current
IOH
-
0.001
0.5
µA
IF=0mA,
VO=VCC=5.5V,
TA=25°C
-
0.01
1
IF=0mA, VO=VCC=15V,
TA=25°C
-
-
50
IF=0mA, VO=VCC=15V
Logic Low Supply
Current
ICCL
-
140
200
µA
IF=16mA, VO=Open,
VCC=15V
Logic High Supply
Current
ICCH
-
0.01
1
µA
IF=0mA, VO=Open,
VCC=15V, TA=25°C
-
-
2
IF=0mA, VO=Open,
VCC=15V
Transfer Characteristics (TA=0 to 70°C unless specified otherwise)
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Current
Transfer
Ratio
6N135
CTR
7
-
50
%
IF = 16mA ,VO = 0.4V,
VCC=4.5V, TA=25°C
6N136
EL4502
EL4503
19
-
50
6N135
5
-
-
IF = 16mA ,VO = 0.5V,
VCC=4.5V
6N136
EL4502
EL4503
15
-
-
Logic Low
Output
Voltage
6N135
VOL
-
0.18
0.4
V
IF = 16mA ,IO = 1.1mA,
VCC=4.5V, TA=25°C
6N136
EL4502
EL4503
-
0.25
0.4
IF = 16mA ,IO = 3mA,
VCC=4.5V, TA=25°C
6N135
-
-
0.5
IF = 16mA ,IO =0.8mA,
VCC=4.5V
6N136
EL4502
EL4503
-
-
0.5
IF= 16mA ,IO=2.4mA,
VCC=4.5V


Similar Part No. - 6N135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - 6N135

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
   HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com