Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6016E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 6016E
Description  For 200, 210, 270 and 280 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

6016E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  6016E Datasheet HTML 1Page - Ohmite Mfg. Co. 6016E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
118
W as H ers
One standard screwdriver type adjustable lug is sup-
plied with each unit.
Two types of lugs can be ordered separately: stan-
dard or with a silver contact button; both types are
available with a screwdriver type lug.
Double thumb screw Lug (Part Number 2160E)
The double thumb screw adjustable lug permits
easier adjustment and less chance of damage to
resistance wire. Available for 1.125" cores only.
Metal Centering
Diameter
For max.
For resistors
Part No.
Outer
Inner
screw size (power ratings)
6000E
0.563" 0.313
#10
25, 50, 75 watt
6001E
0.75"
0.5
#10
100 watt
6003E
1.125"
0.75
0.25"
175, 225 watt
Mica insulating
Diameter
For resistors
Part No.
Outer
Inner
(power ratings)
6010E
0.75"
0.625"
25, 50, 75 watt
6011E*
0.75"
0.313"
25, 50, 75 watt
6012E
1"
0.625"
100 watt
6013E*
1"
0.5"
100 watt
6014E
1.25"
0.625"
core 1" O.D. x 0.625" I.D.
6015E*
1.25"
0.625"
core 1" O.D. x 0.625" I.D.
6016E
1.5"
0.625"
175, 225 watt
6017E*
1.5"
0.75"
175, 225 watt
* Use with centering washers.
Resistor core diam.
Standard part numbers
(O.D., in. / mm)
Standard
Silver
0.313 / 7.94
2115E
2116E
0.563 / 14.3
2121E
2123E
0.750 / 19.05
2125E
2127E
1.125 / 28.58
2133E
2135E
Mounting Hardware
For 200, 210, 270 and 280 Series
= Most popular Standard values
= Standard values
= Non-Standard values subject to minimum handling charge per item
ad J us Ta B le lugs
FOR 210 SERIES
Thru-Bolts, with centering washers and mica insulat-
ing washers, permit perpendicular mounting of 200,
210 and 270 type resistors to panels up to 0.25"
thick.
Bolt size
For resistors
Part No.
Length
No.
(power rating)
7PA5E
1.75"
8
8 watt
7PA10E
2.5"
8
12 watt
7PA20E
2.75"
8
20 watt
7PA25E
2.75"
10
25 watt
7PA50E
4.75"
10
50 watt
7PA75E
6.75"
10
75 watt
7PA100E
7.313"
10
100 watt
7PA160E
9.5"
0.25"
175 watt
7PA200E
11.5"
0.25"
225 watt
Brackets fit inside cores of 200, 210 and 270 type
resistors and remain in place by spring tension.
Standard brackets are plated steel and have no suffix
to part number. Spring steel brackets are indicated
with an “S” suffix following part number.
Part number
Mtg screw
For resistors
Standard
Spring steel
size (max.)
(power ratings)
5E
5SE
6
8, 12 watt
7E
7SE
6
20 watt
9E
9SE
6
25, 50, 75 watt
12E
12SE
10
100 watt
18E
18SE
10
175, 225 watt
Moun T ing Bracke T s
T H ru BolT s
More detailed information at http://www.ohmite.com/techdata/lug-mounting.php


Similar Part No. - 6016E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
6016E OHMITE-6016E Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
More results

Similar Description - 6016E

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ZTMF200-SX-W ETA-USA-ZTMF200-SX-W Datasheet
584Kb / 6P
   200-280 Watt AC/DC Power Supply
logo
Fairchild Semiconductor
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
logo
SHANGHAI BELLING CO., L...
BL55080 BELLING-BL55080 Datasheet
105Kb / 1P
   LCD Driver for 280 Display Units
logo
Golledge Electronics Lt...
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
   280 MHz SAW Filter for WLAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB0137A TAI-SAW-TB0137A Datasheet
353Kb / 5P
   SAW Filter 280 MHz for WLAN
logo
TRIAD MAGNETICS
VPP24-210 TRIAD-VPP24-210 Datasheet
45Kb / 1P
   VPP24-210
logo
OSA Opto Light GmbH
OLS-210BA460 OSA-OLS-210BA460 Datasheet
131Kb / 5P
   Series 210 - side view blue
logo
Fairchild Semiconductor
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
logo
Mill-Max Mfg. Corp.
210-43-316-41-001000 MILL-MAX-210-43-316-41-001000 Datasheet
354Kb / 1P
   SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
logo
Kemet Corporation
PEH532RAC3270M2 KEMET-PEH532RAC3270M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 270 uF, 20%, 200 V, -40/105C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com