Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7005-B-GM1 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI7005-B-GM1
Description  DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7005-B-GM1 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI7005-B-GM1 Datasheet HTML 6Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 7Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 8Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 9Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 10Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 11Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 12Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 13Page - Silicon Laboratories SI7005-B-GM1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Si7005
10
Rev. 1.2
2. Typical Application Circuits
Note: If the Si7005 shares an I2C bus with other slave devices, it should be powered down when the master controller is com-
municating with the other slave devices.
The Si7005 can be powered down either by setting the CS signal to logic high or setting the VDD pin to 0 V. Refer to
Figure 5 for an illustration of this method of powering the Si7005 from an MCU GPIO (the Si7005 VDD is powered from
an MCU port pin).
Figure 4. Typical Application Circuit
Figure 5. Typical Application Circuit for Battery-Powered Applications
SDA
SCL
VDD
CSb
GND
R2
10K
R1
10K
U1
Si7005
DNC
13
DNC
14
SDA
4
DNC
6
SCL
3
DNC
5
DNC
2
GND
1
CS
15
DNC
16
DNC
17
DNC
18
C2
0.1uF
C1
4.7uF
SDA
SCL
Port Pin
GND
VDD
R3
15.0
R1
10K
U2
Si7005
DNC
13
DNC
14
SDA
4
DNC
6
SCL
3
DNC
5
DNC
2
GND
1
CS
15
DNC
16
DNC
17
DNC
18
C2
0.1uF
R2
10K
C1
4.7uF


Similar Part No. - SI7005-B-GM1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7005-B-GM1 SILABS-Si7005-B-GM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7005-B-GM1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com