Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY67110-396LF-EVB Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY67110-396LF-EVB
Description  0.30-0.75 GHz High Linearity, Active Bias Low-Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67110-396LF-EVB Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY67110-396LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67110-396LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DATA SHEET • SKY67110-396LF HIGH LINEARITY, ACTIVE BIAS LNA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
January 14, 2013 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201792B
Table 1. SKY67110-396LF Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
N/C
No connection. May be connected to ground
with no change in performance.
5
FEEDBACK
LNA external gain control. Connect to
RFOUT using a series RD network.
2
RFIN
RF input. DC blocking capacitor required.
6
N/C
No connection. May be connected to ground
with no change in performance.
3
RFGND
RF ground. Connect to ground through a
capacitor.
7
RFOUT/VDD
RF output. Apply VDD through RF choke
inductor. DC blocking capacitor required.
4
VBIAS
LNA supply current. Connect through series
resistor to VDD or bias separately through
DC header, pin 4.
8
N/C
No connection. May be connected to ground
with no change in performance.
Table 2. SKY67110-396LF Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage
VDD
5.5
V
RF input power
PIN
+20
dBm
Storage temperature
TSTG
–65
+25
+150
°C
Thermal resistance
θJC
62.2
°C/W
Operating temperature
TA
–40
+25
+105
°C
Junction temperature
TJ
+150
°C
Electrostatic Discharge:
Charged Device Model (CDM), Class 4
Human Body Model (HBM), Class 1A
Machine Model (MM), Class A
ESD
1000
250
25
V
V
V
Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY67110-396LF are
provided in Table 2. Electrical specifications are provided in
Table 3.
Typical performance characteristics of the SKY67110-396LF are
illustrated in Figures 3 through 19.
Table 4 provides noise source pull information versus frequency.


Similar Part No. - SKY67110-396LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67101-396LF SKYWORKS-SKY67101-396LF Datasheet
1,019Kb / 12P
   SKY67101-396LF 0.4-1.2 GHz High Linearity, Active Bias Low-Noise Amplifier
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
SKY67151-396LF SKYWORKS-SKY67151-396LF Datasheet
1Mb / 24P
   0.7-3.8 GHz Ultra Low-Noise Amplifier
SKY67151-396LF-EVB SKYWORKS-SKY67151-396LF-EVB Datasheet
1Mb / 24P
   0.7-3.8 GHz Ultra Low-Noise Amplifier
SKY67153-396LF SKYWORKS-SKY67153-396LF Datasheet
1Mb / 23P
   0.7 to 3.8 GHz Ultra Low-Noise Amplifier
More results

Similar Description - SKY67110-396LF-EVB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY67021-396LF SKYWORKS-SKY67021-396LF Datasheet
2Mb / 15P
   0.6 to 1.2 GHz High-Linearity, Active-Bias Low-Noise Amplifier
logo
Broadcom Corporation.
MGA-633P8 BOARDCOM-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY67022-396LF SKYWORKS-SKY67022-396LF Datasheet
1Mb / 14P
   1.6 to 2.2 GHz High Linearity, Active Bias Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com