Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847C-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847C-7
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847C-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847C-7 Datasheet HTML 1Page - Diodes Incorporated BC847C-7 Datasheet HTML 2Page - Diodes Incorporated BC847C-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30274 Rev. A-2
1 of 3
BC847AT, BT, CT
BC847AT, BT, CT
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Epitaxial Die Construction
·
Complementary PNP Type Available
(BC857AT,BT,CT)
·
Ultra-Small Surface Mount Package
Type
Marking
BC847A
1E
BC847B
1F
BC847C
1M
·
Case: SOT-523, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Weight: 0.002 grams (approx.)
Mechanical Data
A
B
C
C
B
TOP VIEW
G
M
L
J
D
H
N
K
E
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout.
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
All Dimensions in mm
Ordering Information
Device
Packaging
Shipping
BC847AT-7
SOT-523
3000/Tape & Reel
BC847BT-7
SOT-523
3000/Tape & Reel
BC847CT-7
SOT-523
3000/Tape & Reel
(Note 2)


Similar Part No. - BC847C-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847C-7 DIODES-BC847C-7 Datasheet
60Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
BC847C-7-F DIODES-BC847C-7-F Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
More results

Similar Description - BC847C-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com