Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008C1C-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K6R1008C1C-T
Description  STK503 User Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K6R1008C1C-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K6R1008C1C-T Datasheet HTML 1Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 2Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 3Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 4Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 5Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 6Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 7Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 8Page - List of Unclassifed Manufacturers K6R1008C1C-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
STK503 User Guide
Introduction
STK503 is a top module to the STK500 development board from Atmel
Corporation. It adds support for 100-pin AVR microcontrollers (ATmega2560,
ATmega1280 and ATmega640).
STK503 includes connectors and hardware allowing full utilization of the features
of these devices, while the Zero Insertion Force (ZIF) socket makes it easy to
use TQFP packages for prototyping.
This user guide is a general getting started guide as well as a complete technical
reference for advanced users.
Figure 1-1 The STK503 starter kit
Features
Supports the ATmega2560, ATmega1280 and ATmega640.
Zero Insertion Force (ZIF) socket for 100-pin TQFP packages
Supports High Voltage Parallel Programming through STK500
Supports Serial programming through STK500
Port connectors for port E, F G, H, J, K and L
On-board RS-232 converter covering the whole operation range from 1.8
to 5.5V
Footprint for user-mountable SRAM chip
On-board address latch for easy connection to memory and peripherals
JTAG Connector for on-chip debugging using JTAGICE mkII
On-board 32 kHz crystal for easy Real Time Clock implementations
Supported by AVR Studio 4


Similar Part No. - K6R1008C1C-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
K6R1008C1C-T ATMEL-K6R1008C1C-T Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
Samsung semiconductor
K6R1008C1C-T10 SAMSUNG-K6R1008C1C-T10 Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C-T12 SAMSUNG-K6R1008C1C-T12 Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C-T15 SAMSUNG-K6R1008C1C-T15 Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1008C1C-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com