Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWIR4512AC1XA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZWIR4512AC1XA
Description  Secure Low-Power Wireless IPv6 Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZWIR4512AC1XA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZWIR4512AC1XA Datasheet HTML 2Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 3Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 4Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 5Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 6Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 7Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 8Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 9Page - List of Unclassifed Manufacturers ZWIR4512AC1XA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZWIR4512
Secure Low-Power Wireless IPv6 Module
Data Sheet
April 15, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 25
1
Module Characteristics
1.1.
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The device might not function or be operable above the
operating conditions. Stresses exceeding the absolute maximum ratings might also damage the device. In
addition, extended exposure to stresses above the operating conditions might affect device reliability. ZMDI does
not recommend designing to the “Absolute Maximum Ratings.”
1.1.1.
Voltage Characteristics
Parameter
Symbol
Min
Max
Unit
Main supply voltage
VCC
-0.3
4
V
Backup supply voltage
VBAT
-0.3
4
Input voltage at 5V-tolerant GPIO pin
VGPIO
-0.3
5.5
Input voltage at any other GPIO pin
-0.3
VCC+0.3
1.1.2.
Current Characteristics
Parameter
Symbol
Max
Unit
Maximum total current consumption
IVCC
175
mA
Driving strength of each GPIOx pin
IGPIO
±25
Driving strength of RF-control pins (PACTLN, PACTLP, DIG1)
IRFCTRL
8
1.1.3.
Thermal Characteristics
Parameter
Symbol
Value
Unit
Storage temperature range
TSTOR
-40 to +125
°C
Ambient temperature range
TAMB
-40 to +85
1.2.
Operating Conditions
1.2.1.
General Operating Conditions
Note: See important notes at the end of the table.
Parameter
Symbol
Min
Typ
Max
Unit
Electrical Characteristics
Main supply voltage
– ADC not used
VCC
2.0
3.6
V
Main supply voltage
– ADC used
VCC
2.4
3.6
Backup supply voltage
VBKUP
1.8
3.6
Digital I/O high level input voltage
VIH
VCC – 0.4
Digital I/O low level input voltage
VIL
0.4
Digital I/O high level output voltage
VOH
VCC – 0.4
Digital I/O low level output voltage
VOL
0.4


Similar Part No. - ZWIR4512AC1XA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZWIR4512AC1XA IDT-ZWIR4512AC1XA Datasheet
429Kb / 27P
   Secure Low-Power Wireless IPv6 Module
More results

Similar Description - ZWIR4512AC1XA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZWIR4512 RENESAS-ZWIR4512 Datasheet
1Mb / 26P
   Secure Low-Power Wireless IPv6 Module
November 29, 2018
logo
Integrated Device Techn...
ZWIR4512 IDT-ZWIR4512 Datasheet
429Kb / 27P
   Secure Low-Power Wireless IPv6 Module
ZWIR4512 IDT-ZWIR4512_18 Datasheet
1Mb / 28P
   Secure Low-Power Wireless IPv6 Module
logo
NXP Semiconductors
K32W1480 NXP-K32W1480 Datasheet
1Mb / 90P
   Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
Rev. 3 - 12/2022
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
TWS-900C ETC2-TWS-900C Datasheet
481Kb / 15P
   Wireless Low Power RF Transmitter Module (GFSK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com