Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505Q-0128-S010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 505Q-0128-S010
Description  Widest Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

505Q-0128-S010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  505Q-0128-S010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 505Q-0128-S010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 505Q-0128-S010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOR CONTROL DEVICES
Control of motor circuits is accomplished by
linking encoder to motor shaft
Material Handling Equipment
Machine Tools
Conveyor Belts
Printing Equipment
Elevators
Factory Automation
FLOW CONTROL DEVICES
Fluid flow can be metered by the encoder
attached to displacement turbine and other styles
of meters and pumps
Manufacturing Process Controls
Valve and Flow controls
Fuel Pumps
AUDIO / ENTERTAINMENT
Frequency Select for Professional and High End Audio Applications
Mixing Consoles
High End Amplifiers
Lighting Controls (intensity select)
AVIONICS
Altitude Positioning
Missile Firing and Guidance
In-flight Refueling
Auto Pilot Controls
MEDICAL
Infusion Pump Flow
Dispensing Equipment
Automated Vial Sampling
Equipment
Dialysis Machines
Ventilators
INDUSTRIAL POSITION SENSING AND POSITION CONTROL
Off Road / Construction
Equipment
Lift Trucks
Welding Machines
APPLICATIONS
500
500
500
500
500SERIES
SERIES
SERIES
SERIES
SERIES
MAGNETIC
MAGNETIC
MAGNETIC
MAGNETIC
MAGNETIC
ENCODERS
ENCODERS
ENCODERS
ENCODERS
ENCODERS
FEATURES
BENEFITS
Compact, Robust, 1/2" package
High Resolution Encoding up to 1024 PPR
Widest Temperature Range
Absolute and Incremental Outputs
Zero Reference Positioning
Tachometer with Direction Sensing
Quadrature Code Output
RoHS Compliant
Contact Free Magnetic Design
3.3 or 5.0 VDC Options
Compact Size
Multiple Output Codes Allowing Simpler
Integration With a Wider Variety of
Receiving Devices
Best Encoder Reliability
Longest Life
Excellent Performance in Harsh
Environments
Low Power Consumption
The Electroswitch 500 Series Magnetic Encoders are
built upon a contact free integrated circuit design. This
encoder integrates Hall Effect sensing and digital signal
processing to provide high-resolution angular
measurement solutions.
An important advantage of the 500 Series is the
dramatic reduction in package size to ½ inch, while still
incorporating the performance and output options
required to support the widest range of industrial and
motion sensing applications.
The 500 Series design leverages its reduced part count
and simplified construction to provide extremely robust,
high shock and vibration resistant performance,
excelling in harsh and dirty environments.
NEW
NEW
NEW
NEW
NEW
WWW.ELECTRO-NC.COM
2010 Yonkers Road
Raleigh, NC 27604 • tel: 1.888.768.2797 or 919.833.0707
fax: 800.909.9171 or 919.833.8016 • sales@electro-nc.com


Similar Part No. - 505Q-0128-S010

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505QOC275KB8 ILLINOISCAPACITOR-505QOC275KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
505QOC275KB8# ILLINOISCAPACITOR-505QOC275KB8# Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
505QPC250KA3 ILLINOISCAPACITOR-505QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
505QPC250KA3# ILLINOISCAPACITOR-505QPC250KA3# Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
505QPC250KB5 ILLINOISCAPACITOR-505QPC250KB5 Datasheet
141Kb / 1P
   MOTOR RUN/AC
More results

Similar Description - 505Q-0128-S010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
WTLPO ETC2-WTLPO_15 Datasheet
783Kb / 10P
   WIDEST TEMPERATURE LOW POWER OSCILLATOR
5656A ETC2-5656A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
Murata Manufacturing Co...
GRM0225C1E2R2CDAE MURATA-GRM0225C1E2R2CDAE Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1E1R8WDAE MURATA-GRM0225C1E1R8WDAE Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1CR82BD05 MURATA-GRM0225C1CR82BD05 Datasheet
49Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1C3R0BA03 MURATA-GRM0225C1C3R0BA03 Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0225C1C3R4WA03 MURATA-GRM0225C1C3R4WA03 Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com