Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJZEB0J333 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECJZEB0J333
Description  Multilayer Ceramic Capacitors (For General Electronic Equipment)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJZEB0J333 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECJZEB0J333 Datasheet HTML 1Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 2Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 3Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 4Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 5Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 6Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 7Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 8Page - Panasonic Semiconductor ECJZEB0J333 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– EC10 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
1.0
Sample
0.5R
0.3/Size:0201
0.5/Size:0402
PC board
Sample
Unit : mm
Specifications and Testing Methods
Item
Specification
Test Method
Class 1
Class 2
Operating
Temperature
Range
Temp. Char. C
: –55 to 125 °C
: –25 to 85 °C
Temp. Char. SL
: –55 to 125 °C
Temp. Char. B, X7R
: –55 to 125 °C
Temp. Char. B, X5R
: –55 to 85 °C
Temp. Char. F, Y5V
: –30 to 85 °C
Dielectric
Withstanding
Voltage
No dielectric breakdown and /or damage
Test voltage:
Class 1:Rated voltage
300 %
Class 2:Rated voltage
250 %
Duration:1 to 5 s
Charge/discharge current : 50 mA max.
Insulation
Resistance
(I R)
10000 M
or 500/C (M ) whichever is less.
Note:100/C(M )min. for DC 10 V max.
C:Nominal Cap. in µF
Measuring voltage:Rated voltage
Duration: 60±5 s
Charge/discharge current : 50 mA max.
Capacitance
Within the specified tolerance.
Measuring temperature: 20±2 °C
Class 1:
Nominal capacitance
C
< 1000 pF C > 1000 pF
Measuring frequency 1 MHz ± 10 % 1 kHz ± 10 %
Measuring voltage 0.5 to 5 Vrms
0.5 to 5 Vrms
Class 2:
Preconditioning: The capacitors shall be kept
in temperature of 150 +0/–10 °C for 1 hour
and subjected to standard condition48±4
hours before initial measurement.
Nominal capacitance
C < 1 µF
Measuring frequency1 kHz ± 10 %
Measuring voltage1.0 ± 0.2 Vrms
Q Factor or
Dissipation
Factor
(tan
δ)
Q:
C<30 pF: Q
>400+20C
30 pF
<C<1000 pF:Q>1000
tan
δ:
C>1000 pF: tan
δ<0.002
(C:Nominal Cap. in pF)
tan
δ:
Temp. Char. B, X7R, X5R:
0.15 max.
Temp. Char. F, Y5V:
0.2 max.
Please see the technical
specifications for details.
Temperature
Characteristics
Temp. Char.
CG : 0± 30 ppm/ °C
CH : 0± 60 ppm/ °C
CJ : 0±120 ppm/ °C
CK : 0±250 ppm/ °C
SL : +350 to –1000 ppm/ °C
Temp. Char.
B
: ±10 %
X7R : ±15 %
X5R : ±15 %
F
: +30, –80 %
Y5V : +22, –82 %
Maximum capacitance change at stage 1 to 5
Temp.
Char.
C
∆, SL
B, F
X7R
X5R
Y5V
1
20 °C 25 °C 25 °C 25 °C
2
–25 °C –55 °C –55 °C –30 °C
3
(Ref. Temp.)
20 °C 25 °C 25 °C 25 °C
4
85 °C 125 °C 85 °C 85 °C
5
20 °C 25 °C 25 °C 25 °C
See the technical specifications for
details such as measuring voltage.
Adhesion
Terminal electrodes shall be free from peeling or signs of
peeling.
Applied force:
Size: 0201: 2 N
Size: 0402 to 0805: 5N
Duration: 10 s
Size: 0201 to 0402
Size: 0603 to 0805
✽Standard conditions : Temperature 15 to 35 °C, Relative humidity 45 to 75 %
Apr. 2008
00


Similar Part No. - ECJZEB0J333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJZEB0J333 PANASONIC-ECJZEB0J333 Datasheet
855Kb / 12P
   Multilayer Ceramic Capacitors For General Electronic Equipment
ECJZEB0J333 PANASONIC-ECJZEB0J333 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB0J333 PANASONIC-ECJZEB0J333 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEB0J333 PANASONIC-ECJZEB0J333 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB0J333 PANASONIC-ECJZEB0J333 Datasheet
860Kb / 12P
   Multilayer Ceramic Capcaitors For General Usage
More results

Similar Description - ECJZEB0J333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1C103K PANASONIC-ECJ-1VB1C103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1E103K PANASONIC-ECJ-0EB1E103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1E104K PANASONIC-ECJ-2VB1E104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1A474K PANASONIC-ECJ-1VB1A474K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1H822K PANASONIC-ECJ-1VB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VF1E104Z PANASONIC-ECJ-1VF1E104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1H333K PANASONIC-ECJ-2VB1H333K Datasheet
877Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VC1H471J PANASONIC-ECJ-2VC1H471J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EC1H100D PANASONIC-ECJ-0EC1H100D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1C683K PANASONIC-ECJ-0EB1C683K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com