Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA824 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # VCA824
Description  Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA824 Datasheet(HTML) 10 Page - Texas Instruments

Back Button VCA824 Datasheet HTML 6Page - Texas Instruments VCA824 Datasheet HTML 7Page - Texas Instruments VCA824 Datasheet HTML 8Page - Texas Instruments VCA824 Datasheet HTML 9Page - Texas Instruments VCA824 Datasheet HTML 10Page - Texas Instruments VCA824 Datasheet HTML 11Page - Texas Instruments VCA824 Datasheet HTML 12Page - Texas Instruments VCA824 Datasheet HTML 13Page - Texas Instruments VCA824 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
9
6
3
0
-3
-6
-9
CapacitiveLoad(pF)
1
10
100
1k
V
=0.5V
O
PP
C =100pF
L
C =47pF
L
C =10pF
L
C =22pF
L
R
F
+
-
1kW
(1)
C
L
V
IN
V
OUT
R
S
NOTE:(1)1k
isoptional.
W
VCA821
100
10
1
CapacitiveLoad(pF)
1
10
100
1k
0.1dBFlatnessTargeted
200
100
10
Frequency(Hz)
100
1k
100k
1M
10k
10M
V
=+2V
G
V
G
= 0V
V
=+1V
G
10
1
Frequency(Hz)
100
1k
10k
10M
100k
1M
VCA821
SBOS407B – DECEMBER 2007 – REVISED DECEMBER 2008 ....................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = 6dB (continued)
At TA = +25°C, RL = 100Ω, RF = 453Ω, RG = 453Ω, VG = +2V, VIN = single-ended input on +VIN with –VIN at ground, and
SO-14 package, unless otherwise noted.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 29.
Figure 30.
OUTPUT VOLTAGE NOISE DENSITY
INPUT CURRENT NOISE DENSITY
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): VCA821


Similar Part No. - VCA824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824ID TI-VCA824ID Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824ID TI1-VCA824ID Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results

Similar Description - VCA824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com