Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA824 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # VCA824
Description  Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA824 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VCA824 Datasheet HTML 7Page - Texas Instruments VCA824 Datasheet HTML 8Page - Texas Instruments VCA824 Datasheet HTML 9Page - Texas Instruments VCA824 Datasheet HTML 10Page - Texas Instruments VCA824 Datasheet HTML 11Page - Texas Instruments VCA824 Datasheet HTML 12Page - Texas Instruments VCA824 Datasheet HTML 13Page - Texas Instruments VCA824 Datasheet HTML 14Page - Texas Instruments VCA824 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = 20dB
Frequency(Hz)
1M
10M
100M
1G
3
0
-3
-6
-9
-12
-15
-18
V
=+1V
G
V
=+2V
G
A
VMAX
=20dB
V
=200mV
IN
PP
R =100
L
W
Frequency(Hz)
1M
10M
100M
1G
3
0
-3
-6
-9
-12
-15
-18
V
=1V
O
PP
V
=4V
O
PP
V
=5V
O
PP
V
=2V
O
PP
Time(10ns/div)
300
200
100
0
-100
-200
-300
V
=50mV
IN
PP
f=20MHz
Time(10ns/div)
3
2
1
0
-1
-2
-3
V
=400mV
IN
PP
f=20MHz
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
Frequency(MHz)
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
0
50
100
150
200
LeftScale
RightScale
A
=20dB
VMAX
V
=+2V
G
200
100
10
Frequency(Hz)
100
1k
100k
1M
10k
10M
V
=+2V
G
V
=0V
G
V
=+1V
G
VCA821
www.ti.com ....................................................................................................................................... SBOS407B – DECEMBER 2007 – REVISED DECEMBER 2008
At TA = +25°C, RL = 100Ω, RF = 402Ω, RG = 80Ω, VG = +2V, and VIN = single-ended input on +VIN with –VIN at ground, unless
otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 33.
Figure 34.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 35.
Figure 36.
GAIN FLATNESS, DEVIATION FROM LINEAR PHASE
OUTPUT VOLTAGE NOISE DENSITY
Figure 37.
Figure 38.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): VCA821


Similar Part No. - VCA824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824ID TI-VCA824ID Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824ID TI1-VCA824ID Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results

Similar Description - VCA824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com