Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1006GA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SFF1006GA
Description  10.0 Ampere Isolated Dual Common Anode Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF1006GA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SFF1006GA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF1006GA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
®
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
SFF1004GA thru SFF1008GA
Pb
10.0 Ampere Isolated Dual Common Anode Super Fast Rectifiers
SFF1004G
SFF1004GA
SFF1004GD
Rev.04/2014
SFF1004GA thru SFF1008GA
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: ITO-220AB Isolated full plastic pkg
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,Adaptor,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
SFF1006G
SFF1006GA
SFF1006GD
SFF1008G
SFF1008GA
SFF1008GD
ITO-220AB
Unit : inch (mm)
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "GA"
Suffix "G"
Doubler
Suffix "GD"
Tandem Polarity


Similar Part No. - SFF1006GA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1006GA TSC-SFF1006GA Datasheet
420Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Thinki Semiconductor Co...
SFF1006GA THINKISEMI-SFF1006GA Datasheet
629Kb / 2P
   10.0 Ampere Isolated Dual Doubler Tandem Super Fast Rectifiers
SFF1006GA THINKISEMI-SFF1006GA Datasheet
629Kb / 2P
   10.0 Ampere Isolated Dual Commom Cathode Super Fast Rectifiers
SFF1006GA THINKISEMI-SFF1006GA Datasheet
640Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SFF1006GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF1004GA THINKISEMI-SF1004GA Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifiers
SFF10L04GA THINKISEMI-SFF10L04GA Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Anode Super Fast Recovery Rectifiers
SF101CTA THINKISEMI-SF101CTA Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF101CA THINKISEMI-SF101CA Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF101A THINKISEMI-SF101A Datasheet
272Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
10F40HF3S THINKISEMI-10F40HF3S Datasheet
620Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
SFF1001GA THINKISEMI-SFF1001GA Datasheet
640Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
SF104A THINKISEMI-SF104A Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifier
SF104CTA THINKISEMI-SF104CTA Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifier
FR10C03CFA THINKISEMI-FR10C03CFA Datasheet
327Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com