Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4182 Datasheet(PDF) 5 Page - NEC

Part # 2SC4182
Description  UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4182 Datasheet(HTML) 5 Page - NEC

  2SC4182 Datasheet HTML 1Page - NEC 2SC4182 Datasheet HTML 2Page - NEC 2SC4182 Datasheet HTML 3Page - NEC 2SC4182 Datasheet HTML 4Page - NEC 2SC4182 Datasheet HTML 5Page - NEC 2SC4182 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4182
5
VCE = 10 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.671
–50.9
6.248
128.7
0.035
69.8
0.897
–10.6
200.00
0.486
–74.5
3.991
107.7
0.052
62.3
0.824
–12.2
300.00
0.398
–91.4
2.991
95.4
0.070
57.2
0.781
–14.9
400.00
0.367
–104.8
2.306
87.9
0.083
57.2
0.770
–15.8
500.00
0.356
–117.2
1.902
80.9
0.092
54.0
0.738
–17.2
600.00
0.359
–130.2
1.654
76.4
0.104
54.5
0.747
–19.1
700.00
0.361
–142.0
1.482
69.3
0.111
52.1
0.739
–20.3
800.00
0.367
–152.0
1.347
64.4
0.121
51.7
0.750
–23.8
900.00
0.379
–160.5
1.202
59.0
0.123
53.2
0.751
–26.3
1000.00
0.399
–168.8
1.110
54.4
0.129
52.1
0.739
–31.1
1100.00
0.422
–177.3
1.030
50.9
0.134
55.0
0.734
–34.5
1200.00
0.433
173.5
0.976
45.8
0.140
55.5
0.711
–37.9
1300.00
0.440
167.2
0.940
41.4
0.149
56.7
0.698
–40.8
1400.00
0.445
162.3
0.848
37.2
0.151
58.6
0.686
–43.8
1500.00
0.472
157.8
0.803
31.8
0.161
59.6
0.687
–47.0
1600.00
0.497
153.2
0.743
31.6
0.167
64.5
0.683
–51.2
1700.00
0.517
146.7
0.691
28.6
0.180
65.5
0.678
–55.8
1800.00
0.537
141.5
0.681
27.7
0.198
68.3
0.667
–61.0
1900.00
0.546
137.3
0.649
25.0
0.216
68.8
0.657
–65.4
2000.00
0.561
133.5
0.637
21.2
0.237
67.2
0.638
–70.2
VCE = 10 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.438
–73.6
9.469
113.2
0.026
67.2
0.799
–11.6
200.00
0.363
–101.5
5.347
97.4
0.042
63.1
0.744
–11.4
300.00
0.348
–121.7
3.753
87.6
0.057
58.9
0.711
–13.6
400.00
0.356
–136.7
2.984
81.4
0.066
60.0
0.703
–14.2
500.00
0.373
–148.8
2.420
75.4
0.073
58.6
0.678
–15.2
600.00
0.388
–159.8
2.073
71.3
0.082
60.5
0.688
–16.9
700.00
0.398
–169.7
1.824
64.7
0.089
60.1
0.685
–18.1
800.00
0.412
–176.6
1.644
60.0
0.099
61.4
0.697
–21.4
900.00
0.425
177.7
1.449
55.2
0.103
64.5
0.701
–23.9
1000.00
0.456
171.7
1.321
50.9
0.112
64.6
0.692
–28.5
1100.00
0.483
165.3
1.216
47.7
0.120
68.1
0.688
–31.9
1200.00
0.495
157.6
1.147
43.0
0.128
69.4
0.667
–35.3
1300.00
0.501
152.4
1.093
38.6
0.142
71.0
0.657
–38.3
1400.00
0.504
148.5
0.978
34.8
0.149
72.8
0.646
–41.1
1500.00
0.528
145.1
0.922
29.2
0.165
72.9
0.648
–44.4
1600.00
0.550
141.6
0.846
29.2
0.178
76.4
0.644
–48.5
1700.00
0.570
136.4
0.784
26.2
0.194
75.9
0.640
–53.1
1800.00
0.587
132.1
0.766
25.3
0.217
77.6
0.630
–58.4
1900.00
0.595
128.7
0.728
22.7
0.238
76.4
0.621
–62.9
2000.00
0.610
125.2
0.711
18.8
0.262
74.0
0.603
–67.8


Similar Part No. - 2SC4182

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4182 RENESAS-2SC4182 Datasheet
202Kb / 8P
   SILICON TRANSISTOR
1984
More results

Similar Description - 2SC4182

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
   UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
   Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
   SILICON NPN TRANSISTOR VHF-UHF AMPLIFIER, MIXER/OSC
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
   Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
logo
KEC(Korea Electronics)
KTC2347 KEC-KTC2347 Datasheet
350Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, TV UHF OSCILLATOR, TV VHF MIXER)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com