Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6277 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6277
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6277 Datasheet HTML 1Page - Intersil Corporation ISL6277 Datasheet HTML 2Page - Intersil Corporation ISL6277 Datasheet HTML 3Page - Intersil Corporation ISL6277 Datasheet HTML 4Page - Intersil Corporation ISL6277 Datasheet HTML 5Page - Intersil Corporation ISL6277 Datasheet HTML 6Page - Intersil Corporation ISL6277 Datasheet HTML 7Page - Intersil Corporation ISL6277 Datasheet HTML 8Page - Intersil Corporation ISL6277 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
Multiphase PWM Regulator for AMD Fusion™ Mobile
CPUs Using SVI 2.0
ISL6277
The ISL6277 is fully compliant with AMD Fusion™ SVI 2.0 and
provides a complete solution for microprocessor and graphics
processor core power. The ISL6277 controller supports two
Voltage Regulators (VRs) with three integrated gate drivers and
two optional external drivers for maximum flexibility. The Core VR
can be configured for 3-, 2-, or 1-phase operation while the
Northbridge VR supports 2- or 1-phase configurations. The two
VRs share a serial control bus to communicate with the AMD CPU
and achieve lower cost and smaller board area compared with
two-chip solutions.
The PWM modulator is based on Intersil’s Robust Ripple
Regulator R3 Technology™. Compared to traditional modulators,
the R3 modulator can automatically change switching frequency
for faster transient settling time during load transients and
improved light load efficiency.
The ISL6277 has several other key features. Both outputs
support DCR current sensing with single NTC thermistor for
DCR temperature compensation or accurate resistor current
sensing. Both outputs utilize remote voltage sense, adjustable
switching frequency, OC protection and power good.
Applications
• AMD Fusion CPU/GPU Core Power
• Notebook Computers
Features
• Supports AMD SVI 2.0 Serial Data Bus Interface
• Dual Output Controller with Integrated Drivers
- Two Dedicated Core Drivers
- One Programmable Driver for Either Core or Northbridge
• Precision Voltage Regulation
- 0.5% System Accuracy Over-Temperature
- 0.5V to 1.55V in 6.25mV Steps
- Enhanced Load Line Accuracy
• Supports Multiple Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Programmable 1-, 2- or 3-Phase for the Core Output and
1- or 2-Phase for the Northbridge Output
• Adaptive Body Diode Conduction Time Reduction
• Superior Noise Immunity and Transient Response
• Output Current Monitor and Thermal Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
•Programmable Slew Rate
• Programmable VID Offset and Droop on Both Outputs
• Programmable Switching Frequency for Both Outputs
• Excellent Dynamic Current Balance Between Phases
• OCP/WOC, OVP, PGOOD, and Thermal Monitor
• Small Footprint 48 Ld 6x6 QFN Package
- Pb-Free (RoHS Compliant)
Core Performance
FIGURE 1. EFFICIENCY vs LOAD
FIGURE 2. VOUT vs LOAD
0
10
20
30
40
50
60
70
80
90
100
0
5
10 15 20 25 30 35 40 45 50 55
IOUT (A)
VOUT CORE = 1.1V
VIN = 8V
VIN = 12V
VIN = 19V
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
0
5
10 15 20 25 30 35 40 45 50 55
IOUT (A)
VIN = 8V
VIN = 12V
VIN = 19V
VOUT CORE = 1.1V
March 8, 2012
FN8270.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) and R3 Technology are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6277

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62771HRTZ INTERSIL-ISL62771HRTZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL62771HRTZ RENESAS-ISL62771HRTZ Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62771HRTZ-T INTERSIL-ISL62771HRTZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6277

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com