Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292B Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6292B
Description  Complete Charger for Single-Cell Li-ion Batteries
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292B Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6292B Datasheet HTML 1Page - Intersil Corporation ISL6292B Datasheet HTML 2Page - Intersil Corporation ISL6292B Datasheet HTML 3Page - Intersil Corporation ISL6292B Datasheet HTML 4Page - Intersil Corporation ISL6292B Datasheet HTML 5Page - Intersil Corporation ISL6292B Datasheet HTML 6Page - Intersil Corporation ISL6292B Datasheet HTML 7Page - Intersil Corporation ISL6292B Datasheet HTML 8Page - Intersil Corporation ISL6292B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN9139 .1
April 19, 2005
OSCILLATOR
Oscillation Period
TOSC
CTIME = 15nF
2.4
3.0
3.6
ms
LOGIC INPUT AND OUTPUT
EN Input Low
--
0.8
V
EN Pin External Pull Down to Disable
-
-
50
k
RED Sink Current
Pin Voltage = 0.8V
5
-
-
mA
GRN Sink Current
Pin Voltage = 0.8V
5
-
-
mA
NOTES:
3. The actual current may be lower due to the thermal foldback.
4. Guaranteed by design, not a tested parameter.
Electrical Specifications
Typical values are tested at VIN = 5V and 25°C Ambient Temperature, maximum and minimum values are
guaranteed over -10°C to 70°C Ambient Temperature with a supply voltage in the range of 4.3V to 6.5V, unless
otherwise noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6292B


Similar Part No. - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292B INTERSIL-ISL6292B Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292BCR RENESAS-ISL6292BCR Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292BCR-T INTERSIL-ISL6292BCR-T Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com