Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292B Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6292B
Description  Complete Charger for Single-Cell Li-ion Batteries
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292B Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6292B Datasheet HTML 4Page - Intersil Corporation ISL6292B Datasheet HTML 5Page - Intersil Corporation ISL6292B Datasheet HTML 6Page - Intersil Corporation ISL6292B Datasheet HTML 7Page - Intersil Corporation ISL6292B Datasheet HTML 8Page - Intersil Corporation ISL6292B Datasheet HTML 9Page - Intersil Corporation ISL6292B Datasheet HTML 10Page - Intersil Corporation ISL6292B Datasheet HTML 11Page - Intersil Corporation ISL6292B Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN9139 .1
April 19, 2005
create a hysteresis for each comparator respectively. The
DT pin is shorted to GND via the internal Q3 MOSFET when
the charger is not charging, resulting in the equivalent circuit
shown in Figure 7 (A). The on-resistance of Q3 is typically
50
Ω and is negligible compared to the external resistors.
When the charger starts to charge, Q3 is turned off to set a
higher temperature range determined by the external
resistor RD. The equivalent circuit is shown in Figure 7 (B).
The DT pin allows the user to set up a higher shut down
ambient temperature after the charger starts up.
The selection of RU and RT uses the same procedure
described in the ISL6292 datasheet. The selection RD
follows the following equation:
RD = RT,@45°C - RT,@(45°C + ∆T)
where RT,@45°C is the thermistor resistance at 45°C and the
RT,@(45°C + ∆T) is the resistance at 45°C + ∆T. Figure 8
shows the temperature windows before, during, and after
charging. Before and after charging, the temperature window
is -5°C to 45°C with 5°C hysteresis. During charging, the
high temperature limit changes to 45°C +
∆T. If this limit is
exceeded, the charger is stopped and the temperature has
to come back to below 40°C for the charging to be allowed
again. The low temperature limit is also increased. However,
the RD typically has a much lower resistance than the NTC
at low temperature, therefore, the influence on the
temperature threshold is not as much as at high
temperature. Typically, the low temperature threshold is
raised by less than 2°C, as shown in Figure 8.
Charge Current Thermal Foldback
The thermal foldback function monitors the die temperature
and reduces the charge current when the die temperature
rises above 100°C to prevent further temperature rise. The
charge current reduces at a rate of 100mA/°C after
exceeding 100°C. For a charger with the constant charge
current set at 1A, the charge current is reduced to zero when
the internal temperature rises to 110°C. The actual charge
current settles between 100°C to 110°C.
Usually the charge current should not drop below IMIN
because of the thermal foldback. For some extreme cases if
that does happen, the charger does not indicate end-of-
charge unless the battery voltage is already above the
recharge threshold.
2.9V Bias Voltage
The ISL6292B provides a 2.9V voltage for biasing the
internal control and logic circuit. This voltage is also
available for external circuits such as the NTC thermistor
circuit. The maximum allowed external load is 2mA.
EN Pin
The EN pin allows direct interface to the battery ID pin of a
battery pack. The battery ID pin is connected with a resistor
of a value less than 27k
Ω to ground inside the battery pack.
When the battery is not attached, the EN pin is pulled up by
an internal source to the V2P9 pin to disable the charger.
The 2.9V internal regulator is on as long as the input power
is applied, independent of the EN input. Table 2 summarizes
the status of each pin when the IC is disabled.
FIGURE 7. EQUIVALENT CIRCUITS FOR THE NTC DIVIDER
(A) BEFORE CHARGING STARTS
(B) DURING CHARGING.
V2P9
TEMP
DT
R
U
R
T
R
Q3
GND
V2P9
TEMP
R
U
R
T
R
D
GND
(A)
(B)
TABLE 2. SUMMARY OF PIN BEHAVIOR WHEN THE IC IS
DISABLED BY THE EN PIN
PIN
BEHAVIOR
V2P9
Outputs 2.9V.
RED
High impedance
GRN
High impedance
DT
Low impedance
IREF
Outputs 0.8V
IMIN
Outputs 0.8V
TEMP
The temperature monitoring circuit remains functioning.
FIGURE 8. BOARD TEMPERATURE MONITORING WHEN
THE CHARGE IS NOT CHARGING, THE
TEMPERATURE WINDOW IS -5°C AND 45°C.
ONCE THE CHARGER STARTS, THE
TEMPERATURE WINDOW IS 1.X°C TO 45°C+
∆T.
0oC
45oC
45oC +
∆T
-5oC
40oC
Less than2 °C
CHARGE
NOTCHARGE
NOTCHARGE
ISL6292B


Similar Part No. - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292B INTERSIL-ISL6292B Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292BCR RENESAS-ISL6292BCR Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292BCR-T INTERSIL-ISL6292BCR-T Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com