Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292BCRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6292BCRZ
Description  Complete Charger for Single-Cell Li-ion Batteries
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292BCRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6292BCRZ Datasheet HTML 1Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 2Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 3Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 4Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 5Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 6Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 7Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 8Page - Intersil Corporation ISL6292BCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN9139 .1
April 19, 2005
Pin Description
VIN
VIN is the input power source. Connect to a wall adapter.
RED, GRN
RED and GRN are two open-drain outputs to drive a red and
a green LED in the same package. The RED and the GRN
pins are guaranteed to be capable of sinking at least 5mA
current.
TIME
The TIME pin determines the oscillation period by
connecting a timing capacitor between this pin and GND.
The oscillator provides a time reference for the charger.
GND
GND is the connection to system ground.
V2P9
This is a 2.9V untrimmed voltage output. This pin outputs a
2.9V voltage source when the input voltage is above POR
threshold, independent on the EN pin input. The V2P9 pin
can be used as an indication for adapter presence.
EN
EN is the enable logic input. Connect the EN pin to LOW to
enable the charger or leave it floating to disable the charger.
This pin is pulled up to 2.9V when left floating.
IREF
This is the programming input for the constant charging
current in a linear charger. In the typical application of a
dual-mode charger, the IREF pin programs the trickle charge
current as well as the protection current level.
IMIN
IMIN is the programmable input for the end-of-charge
current.
TEMP
TEMP is the input for an external NTC thermistor.
DT
DT is the input to set the temperature difference before and
after the charging starts. This pin can also be used as an
indication whether or not the charger is charging.
VSEN
VSEN is the battery voltage sensing input. This pin allows
remote sense of the battery pack voltage.
BAT
BAT is the charger output.
Typical Application
VIN
V2P9
TEMP
GND
BAT
Input
C
1
To Battery
C
3
BAT+
BAT-
ID
R
1
R
2
R
T
C
2
DT
RED
GRN
D
2
D
1
EN
TIME
C
TIM E
IREF
R
IREF
IMIN
R
IM IN
VSEN
C
4
R
3
R
S
R
4
R
5
C1, C3:1µF X5R ceramic capacitor
C2, C4:0.1µF X5R ceramic capacitor
CTIME : 22nF X5R or better timing capacitor
D1, D2: dual-color (red and green) LED in one package
R1:41.2kΩ, 1%
R2: TBD, value dependent on the ∆T (2.3kΩ for 20°C)
RT: ECTH-160808-103-J-3800HT, 10kΩ at 25°C, 5%
RS:1.33kΩ, 1%
R3:10kΩ, 5% (R3 and C4 are for improving ESD protection)
RIREF :80kΩ, 1%
RIMIN : 133kΩ, 1%
R4, R5:330Ω, 5%
ISL6292B


Similar Part No. - ISL6292BCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6292BCRZ RENESAS-ISL6292BCRZ Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
ISL6292BCRZ RENESAS-ISL6292BCRZ Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
logo
Intersil Corporation
ISL6292BCRZ-T INTERSIL-ISL6292BCRZ-T Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292BCRZ-T RENESAS-ISL6292BCRZ-T Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
More results

Similar Description - ISL6292BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com