Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97635A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97635A Datasheet HTML 3Page - Intersil Corporation ISL97635A Datasheet HTML 4Page - Intersil Corporation ISL97635A Datasheet HTML 5Page - Intersil Corporation ISL97635A Datasheet HTML 6Page - Intersil Corporation ISL97635A Datasheet HTML 7Page - Intersil Corporation ISL97635A Datasheet HTML 8Page - Intersil Corporation ISL97635A Datasheet HTML 9Page - Intersil Corporation ISL97635A Datasheet HTML 10Page - Intersil Corporation ISL97635A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN6564.2
December 22, 2008
FAULT PIN
IFAULT
Fault Pull-down Current
VIN = 12V
10
18
30
µA
VFAULT
FAULT Clamp Voltage With Respect to VIN
VIN = 12, VIN - VFAULT
7.5
V
IlxStart-up
LX Start-up Current
VDC = 5.2V
1
2.7
7
mA
Electrical Specifications
All specifications below are tested at TA = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless
otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP MAX UNIT
Typical Performance Curves
FIGURE 2. EFFICIENCY, L = 8.2µH WITH DCR = 106m
Ω,
CO = 4x4.7µF/50V
FIGURE 3. EFFICIENCY, L = 10µH WITH DCR = 129m
Ω,
CO = 4x4.7µF/50V
FIGURE 4. 3 EFFICIENCY, L = 10µH WITH DCR = 500m
Ω,
1mm, CO = 4x4.7µF/50V
FIGURE 5. CURRENT REGULATION
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 8.2µH
IHLP-2525BD-01
DCR = 106m
Ω
ISAT = 3A
7S6P - 18V
9S6P - 6V
7S6P - 6V
9S6P - 12V
7S6P - 12V
9S6P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 10µH
IHLP-2525BD-01
DCR = 129m
Ω
ISAT = 2.5A
7S6P - 6V
7S6P - 12V
7S6P - 18V
9S6P - 6V
9S6P - 12V
9S6P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 10µH
DCR ~ 500m
Ω
<1mm HEIGHT
9S6P - 6V
7S6P - 6V
9S6P - 12V
9S6P - 18V
7S6P - 12V
7S6P - 18V
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4
6
8
10
12
14
1618
20222426
VIN (V)
20mA
ISL97635A


Similar Part No. - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
More results

Similar Description - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Intersil Corporation
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com