Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97635A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97635A Datasheet HTML 4Page - Intersil Corporation ISL97635A Datasheet HTML 5Page - Intersil Corporation ISL97635A Datasheet HTML 6Page - Intersil Corporation ISL97635A Datasheet HTML 7Page - Intersil Corporation ISL97635A Datasheet HTML 8Page - Intersil Corporation ISL97635A Datasheet HTML 9Page - Intersil Corporation ISL97635A Datasheet HTML 10Page - Intersil Corporation ISL97635A Datasheet HTML 11Page - Intersil Corporation ISL97635A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN6564.2
December 22, 2008
FIGURE 6. CHANNEL-TO-CHANNEL CURRENT MATCHING
FIGURE 7. CURRENT MATCHING vs DUTY CYCLE vs
DIMMING FREQUENCY
FIGURE 8. PWM DIMMING LINEARITY
FIGURE 9. LX, IIN, IL AND LO
FIGURE 10. IL AT 50% PWM DIMMING
FIGURE 11. IL ZOOM IN AT PWM DIMMING ZOOM IN
Typical Performance Curves (Continued)
-0.020
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
Ch 0
Ch 1
Ch 2
Ch 3
Ch 4
Ch 5
CHANNELS
6P9S = 54 LEDs
6V/1mA
6V/20mA
12V/1mA
12V/20mA
0.5
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
PWM DUTY CYCLE
10kHz
200Hz
1kHz
100Hz
20kHz
VIN = 12V
0
20
40
60
80
100
120
140
160
180
0
1020
3040
506070
80
90
100
PWM DUTY CYCLE (%)
VIN = 18V
VIN = 6V
VIN = 12V
6 CHANNELS
9 LEDs PER CHANNEL
ISL97635A


Similar Part No. - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
More results

Similar Description - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Intersil Corporation
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com