Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694IDBVRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA694IDBVRG4
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA694IDBVRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA694IDBVRG4 Datasheet HTML 5Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 6Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 7Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 8Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 9Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 10Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 11Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 12Page - Texas Instruments OPA694IDBVRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
250
0
50
100
150 200
300
350
400 450
500
Frequency(MHz)
V
O
PP
=2V
R
W
L =400
G =1
D
R
W
F =430
G =2
D
R
W
F =402
G =5
D
R
W
F =330
G =10
D
R
W
F =250
3
0
3
6
9
12
-
-
-
-
R
G
R
G
R
F
+5V
R
L
400W
V
O
V
I
=
=
V
O
V
I
R
T
R
F
OPA694
OPA694
-5V
R
F
G
D
R
G
10
100
1000
Resistance( )
W
V
O
PP
=4V
f=5MHz
G
D =2
3rdHarmonic
2ndHarmonic
-60
65
70
75
80
85
90
-
-
-
-
-
-
250
0
50
100
150 200
300
350
400 450
500
Frequency(MHz)
G
D =2
R
W
L =400
V
O
PP
=12V
V
O
PP
=5V
V
O
PP
=16V
V
O
PP
=8V
9
6
3
0
3
6
-
-
1
10
20
Frequency(MHz)
G =2
D
V
O
PP
=4V
R
W
L =400
3rdHarmonic
2ndHarmonic
-
-
-
-
-
-
55
65
75
85
95
105
0.1
100
10
1
OutputVoltageSwing(V )
PP
G =2
D
f=5MHz
R
W
L =400
3rdHarmonic
2ndHarmonic
-
-
-
-
-
-
-
65
70
75
80
85
90
95
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
DIFFERENTIAL PERFORMANCE TEST CIRCUIT
DIFFERENTIAL SMALL
−SIGNAL FREQUENCY RESPONSE
Figure 25.
Figure 26.
DIFFERENTIAL LARGE
−SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Figure 27.
Figure 28.
DIFFERENTIAL DISTORTION vs FREQUENCY
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 29.
Figure 30.
Copyright © 2004–2010, Texas Instruments Incorporated
9
Product Folder Link(s): OPA694


Similar Part No. - OPA694IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA694IDBVR BURR-BROWN-OPA694IDBVR Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA694IDBVR TI1-OPA694IDBVR Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA694IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com