Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA695 Datasheet HTML 5Page - Texas Instruments OPA695 Datasheet HTML 6Page - Texas Instruments OPA695 Datasheet HTML 7Page - Texas Instruments OPA695 Datasheet HTML 8Page - Texas Instruments OPA695 Datasheet HTML 9Page - Texas Instruments OPA695 Datasheet HTML 10Page - Texas Instruments OPA695 Datasheet HTML 11Page - Texas Instruments OPA695 Datasheet HTML 12Page - Texas Instruments OPA695 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
OPA695
9
SBOS293G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
G = +8, RF = 402Ω, RL = 100Ω, unless otherwise noted.
–40
–50
–60
–70
–80
–90
–100
10
100
1
Frequency (MHz)
DISABLED FEEDTHROUGH vs FREQUENCY
See Figure 1
Forward
Reverse
G = +8V/V
1.0
0.5
0
–0.5
–1.0
20
10
0
–10
–20
–25
0
25
50
75
100
125
–50
Ambient Temperature (
°C)
TYPICAL DC DRIFT OVER TEMPERATURE
Left Scale
Right Scale
Inverting Input Bias Current
Right Scale
Noninverting Input Bias Current
Input Offset Voltage
6
5
4
3
2
1
0
2.5
3.0
3.5
4.0
4.5
5.0
6.0
5.5
6.5
2.0
Power Supplies (
±) Volts
COMMON-MODE INPUT AND OUTPUT SWING
vs SUPPLY VOLTAGE
Output Voltage Range
Input Voltage Range
5
4
3
2
1
0
–1
Time (500ns/div)
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
See Figure 1
V
IN = 0.25VDC
V
O
V
DIS
20
15
10
5
0
–5
–10
–15
–20
Time (1ns/div)
SETTLING TIME
Input
Output
G = +8V/V
V
O = 2V Step
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
Number of 150
Ω Loads
12
3
4
COMPOSITE VIDEO dG/dφ
dG
dφ, 1k
Ω Pulldown
dG, 1k
Ω Pulldown
OPA695
511
511
75
Video
Loads
–5V
1k
1k
Ω, optional pulldown
VO
VI


Similar Part No. - OPA695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA695 BURR-BROWN-OPA695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA695 BURR-BROWN-OPA695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA695 BURR-BROWN-OPA695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA695 TI1-OPA695 Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com