Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA694IDBVR
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA694IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA694IDBVR Datasheet HTML 1Page - Texas Instruments OPA694IDBVR Datasheet HTML 2Page - Texas Instruments OPA694IDBVR Datasheet HTML 3Page - Texas Instruments OPA694IDBVR Datasheet HTML 4Page - Texas Instruments OPA694IDBVR Datasheet HTML 5Page - Texas Instruments OPA694IDBVR Datasheet HTML 6Page - Texas Instruments OPA694IDBVR Datasheet HTML 7Page - Texas Instruments OPA694IDBVR Datasheet HTML 8Page - Texas Instruments OPA694IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
OPA694
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25°C. At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
OPA694ID, IDBV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
+70°C(
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C(2)
3)
+85°C(3)
UNIT
MAX
LEVELS(1)
OUTPUT
Voltage Output Voltage
No Load
±4
±3.8
±3.7
±3.6
V
min
A
RL = 100Ω
±3.4
±3.1
±3.1
±3.0
V
min
A
Output Current
VO = 0V
±80
±60
±58
±50
mA
min
A
Short-Circuit Output Current
VO = 0V
±200
mA
min
C
Closed-Loop Output Impedance
G = +2, f =100kHz
0.02
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6.3
±6.3
±6.3
V
max
A
Minimum Operating Voltage Range
±3.5
±3.5
±3.5
V
max
B
Maximum Quiescent Current
VS = ±5V
5.8
6.0
6.2
6.3
mA
max
A
Minimum Quiescent Current
VS = ±5V
5.8
5.6
5.3
5.0
mA
min
A
Power-Supply Rejection Ratio
min
Input-Referred
58
54
52
50
dB
A
(PSRR)
THERMAL CHARACTERISTICS
Specification: ID, IDBV
-40 to +85
°C
typ
C
Thermal Resistance, q JA
Junction-to-Ambient
xx x D xxxx x SO-8
125
°C/W
typ
C
xx x DBV xxx SOT23
150
°C/W
typ
C
4
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA694


Similar Part No. - OPA694IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA694IDBVR BURR-BROWN-OPA694IDBVR Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA694IDBVR TI1-OPA694IDBVR Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA694IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com