Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB960 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB960
Description  Choice of logic and output driver circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB960 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB960 Datasheet HTML 1Page - OPTEK Technologies OPB960 Datasheet HTML 2Page - OPTEK Technologies OPB960 Datasheet HTML 3Page - OPTEK Technologies OPB960 Datasheet HTML 4Page - OPTEK Technologies OPB960 Datasheet HTML 5Page - OPTEK Technologies OPB960 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 2 of 6
Photologic
®
Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Lead No.
Function
1
Anode
2
Cathode
3
Vcc
4
Output
5
Ground
TABLE 1
PACKAGE OUTLINE for OPB960 and OPB970 Series
APERTURE WIDTH GUIDE
CODE
LED
SENSOR
55
.050” [1.27mm]
.050” [1.27mm]
51
.050” [1.27mm]
.010” [0.25mm]
11
.010” [0.25mm]
.010” [0.25mm]
Lengths are .050” [1.27mm]
Notes:
(1) RMA flux recommended. Duration can be extended to 10 seconds max.
(2) Feature controlled at body.
(3) Highly activated water soluble fluxes may attack plastic. Recommend trial to verify application.
(4) Maximum lead soldering temperature [1.6mm from case for 5 seconds with soldering iron] 260° C.
(5) Cathode lead may be shorter.
(6) Part number marking may be on any side.


Similar Part No. - OPB960

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB960 OPTEK-OPB960 Datasheet
875Kb / 4P
   Photologic Slotted Optical Switches
OPB960 OPTEK-OPB960 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
logo
List of Unclassifed Man...
OPB960 ETC-OPB960 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
TT Electronics.
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB960 ETC-OPB960 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results

Similar Description - OPB960

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB981T51 OPTEK-OPB981T51 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
logo
NEC
2SD1513 NEC-2SD1513 Datasheet
149Kb / 2P
   Driver and output stages of audio frequency amplifiers
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Vishay Siliconix
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
EALP03RDCRA2 EVERLIGHT-EALP03RDCRA2 Datasheet
1Mb / 8P
   Choice of various viewing angles
EALP03RDCRA3 EVERLIGHT-EALP03RDCRA3 Datasheet
1Mb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com