Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63981-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 63981-1
Description  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

63981-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 63981-1 Datasheet HTML 3Page - Tyco Electronics 63981-1 Datasheet HTML 4Page - Tyco Electronics 63981-1 Datasheet HTML 5Page - Tyco Electronics 63981-1 Datasheet HTML 6Page - Tyco Electronics 63981-1 Datasheet HTML 7Page - Tyco Electronics 63981-1 Datasheet HTML 8Page - Tyco Electronics 63981-1 Datasheet HTML 9Page - Tyco Electronics 63981-1 Datasheet HTML 10Page - Tyco Electronics 63981-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
16
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
250 Series Tab-Lok Flags (Continued)
Flag Receptacles,
Insulation Support (Continued)
D — Moldable Line
.300
[7.62]
.305
[7.75]
L
E — Low Insertion Force
(LIF)
.300
[7.62]
.305
[7.75]
L
.032
.110-.210
Brass
.018
.670
X
X
60645-12
D
0.81
2.79-5.33
0.46
17.02
.032
.110-.210
Brass
.016
.670
X
X
60641-1
0.81
2.79-5.33
0.41
17.02
.032
.110-.210
Brass
.016
.670
X
X
63445-1
0.81
2.79-5.33
0.41
17.02
.032
.110-.210
Brass,
.016
.670
X
X
63445-2
0.81
2.79-5.33
Tin Plated
0.41
17.02
.032
.110-.210
Brass,
.016
.670
X
X
63445-42
E
0.81
2.79-5.33
Tin Plated
0.41
17.02
.032
.110-.210
Steel,
.016
.670
—X1
X1
63604-12
0.81
2.79-5.33
Nickel Plated
0.41
17.02
.032
.110-.210
Brass
.018
.670
X
X
63555-12
0.81
2.79-5.33
0.46
17.02
18-12
.032
.110-.210
Brass,
.018
.670
X
X
63555-22
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
X
418004
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Brass
.018
.670
X
X
418013
0.81
2.79-5.33
0.46
17.02
.032
.110-.210
Brass,
.018
.670
X
X
418023
F
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
X
420414
0.81
2.79-5.33
Silver Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
X
60274-24,5
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
X
63651-14,6
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Steel,
.016
.670
X
1742543-17
G
0.81
2.79-5.33
Nickel Plated
0.41
17.02
.032
.110-.210
Brass,
.018
.670
X
X
60851-13
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Brass,
.018
.670
X
X
60851-23
0.81
2.79-5.33
Silver Plated
0.46
17.02
.032
.110-.210
Brass
.018
.670
X
X
60851-43
0.81
2.79-5.33
0.46
17.02
12-10
F
.032
.110-.210
Phos Bronze,
.018
.670
X
X
42563-64
0.81
2.79-5.33
Silver Plated
0.46
17.02
.032
.110-.210
Steel,
.018
.670
42563-9
0.81
2.79-5.33
Nickel Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
X
42563-84
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.265
Brass
.018
.670
X
X
63617-16
0.81
2.79-6.73
0.46
17.02
1
18 AWG only.
2
Stress relieved.
3
Recommended for external use only.
4
For internal or external use.
5
Left handed flag.
6
Non-stress relieved.
7
UL Recognized 14-18 AWG.
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
R
R
R
F — Premier Line
for Hermetic Tabs
.318
[8.08]
.305
[7.75]
L
Note: All part numbers are RoHS compliant.
G — Low Insertion Force
(LIF)


Similar Part No. - 63981-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
63986-1 MACOM-63986-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Aavid, Thermal Division...
6398B-P2G AAVID-6398B-P2G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
6398B-P2G AAVID-6398B-P2G Datasheet
8Mb / 116P
   How to Use This Catalog
6398BG AAVID-6398BG Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
6398BG AAVID-6398BG Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 63981-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
Tyco Electronics
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
   HOUSING, RECEPTACLE,FASTON
726386 MACOM-726386 Datasheet
50Kb / 1P
   FASTON TAB 6.3X0.8
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
   RECEPTACLE, FASTON, FLAG
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
   RECEPTACLE, FASTON, SPECIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com