Electronic Components Datasheet Search |
|
63617-1 Datasheet(PDF) 3 Page - Tyco Electronics |
|
63617-1 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 22 page 12 Catalog 82004 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 3-11 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 FASTON Terminals (Insulated and Uninsulated) 250 Series Receptacles (Continued) Straight Receptacles, Insulation Support (Continued) Wire Range Style Tab Insulation Material Stock L Terminal AWG Fit Diameter and Finish Thickness (Overall Length) Part Number R R R 1 UL listed and CSA certified for 22 AWG. 4 9,600 CMA max. 7 Recommended for external use only. 2 UL listed and CSA certified for 22-20 AWG. 5 UL/CSA - 10 AWG only. 8 Recommended for internal or external use. 3 Mates with a .020 [0.51] thick tab. 6 Stress relieved. .032 .090-.130 Brass .016 .755 X — X 63693-16 0.81 2.29-3.30 0.41 19.18 22-18 E .032 .090-.130 Brass .016 .755 X — X 63609-1 0.81 2.29-3.30 0.41 19.18 .032 .090-.130 Brass, .016 .755 X — X 63609-2 0.81 2.29-3.30 Tin Plated 0.41 19.18 .020 .120-.170 Brass, .018 .755 X — X 63655-13 0.51 3.05-4.32 Tin Plated 0.46 19.18 .032 .060-.110 Brass, .018 .755 X — X 61375-1 0.81 1.52-2.79 Tin Plated 0.46 19.18 .032 .060-.110 Steel, .016 .755 — — — 63688-1 A 0.81 1.52-2.79 Nickel Plated 0.41 19.18 .032 .120-.170 Steel, .016 .755 — X X 42219-1 0.81 3.05-4.32 Nickel Plated 0.41 19.18 .032 .120-.170 Brass .018 .755 X — X 41202 0.81 3.05-4.32 0.46 19.18 .032 .120-.170 Brass, .018 .755 X — X 41274 0.81 3.05-4.32 Tin Plated 0.46 19.18 .032 .120-.170 Brass .016 .750 X — X 42400-1 0.81 3.05-4.32 0.41 19.05 B .032 .120-.170 Brass, .016 .750 X — X 42400-2 0.81 3.05-4.32 Tin Plated 0.41 19.05 .032 .120-.170 Brass, .016 .755 X — X 61107-16 0.81 3.05-4.32 Silver Plated 0.41 19.18 .032 .120-.170 Brass .016 .755 X — X 42660-1 18-14 0.81 3.05-4.32 0.41 19.18 .032 .120-.170 Brass, .016 .755 X — X 42660-2 C 0.81 3.05-4.32 Tin Plated 0.41 19.18 .032 .150-.210 Brass .016 .780 X — X 42692-1 0.81 3.81-5.33 0.41 19.81 .032 .150-.210 Brass, .016 .780 X — X 42692-2 0.81 3.81-5.33 Tin Plated 0.41 19.81 .032 .120-.170 Brass .016 .750 X — X 60650-1 0.81 3.05-4.32 0.41 19.05 D .032 .120-.170 Brass, .016 .750 X — X 60650-2 0.81 3.05-4.32 Tin Plated 0.41 19.05 .020 .120-.170 Brass, .018 .775 X — X 63993-13,6 0.51 3.05-4.32 Tin Plated 0.46 19.69 .032 .120-.170 Brass .018 .755 X — X 63537-16 0.81 3.05-4.32 0.46 19.18 .032 .120-.170 Brass, .018 .755 X — X 63537-26 E 0.81 3.05-4.32 Tin Plated 0.46 19.18 .032 .120-.170 Steel, .016 .755 — X X 63674-16 0.81 3.05-4.32 Nickel Plated 0.41 19.18 .032 .120-.170 Brass .016 .755 X — X 63306-1 0.81 3.05-4.32 0.41 19.18 .032 .120-.170 Brass, .016 .755 X — X 63306-2 0.81 3.05-4.32 Tin Plated 0.41 19.18 G .032 .120-.170 Steel, .016 .755 — X — 1742198-1 0.81 3.05-4.32 Nickel Plated 0.41 19.18 B — Budget Line D — Moldable Line .305 [7.75] .300 [7.62] L .305 [7.75] .300 [7.62] L C — Economy Line .305 [7.75] .300 [7.62] L E — Low Insertion Force .305 [7.75] .300 [7.62] L G — Steel LIF product .305 [7.75] .300 [7.62] L Note: All part numbers are RoHS compliant. A — Premier Line .305 [7.75] .300 [7.62] L |
Similar Part No. - 63617-1 |
|
Similar Description - 63617-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |