Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB02N03H8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB02N03H8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB02N03H8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB02N03H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C575H8
Issued Date : 2012.05.09
Revised Date :2012.11.12
Page No. : 3/11
MTB02N03H8
CYStek Product Specification
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Qg (VGS=10V) *1, 2
-
80
-
Qg (VGS=4.5V) *1, 2
-
27
-
Qgs *1, 2
-
19
-
Qgd *1, 2
-
38
-
nC
VDS=15V, VGS=10V, ID=30A
td(ON) *1, 2
-
20
-
tr
*1, 2
-
36
-
td(OFF) *1, 2
-
80
-
tf *1, 2
-
33
-
ns
VDS=15V, ID=24A, VGS=10V,
RGS=2.7Ω
Rg
-
1.2
-
Ω
VGS=15mV, VDS=0V, f=1MHz
Source-Drain Diode
IS *1
-
-
75
ISM *3
-
-
150
A
VSD *1
-
-
1.3
V
IF=30A, VGS=0V
trr
-
35
-
ns
Qrr
-
15
-
nC
IF=IS, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Ordering Information
Device
Package
Shipping
MTB02N03H8
DFN5×6
(Pb-free lead plating)
3000 pcs / Tape & Reel


Similar Part No. - MTB02N03H8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB02N03J3 CYSTEKEC-MTB02N03J3 Datasheet
286Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB02N03H8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com