Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB09N03V8 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTB09N03V8
Description  MTB09N03V8 CYStek Product Specification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N03V8 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTB09N03V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C709V8
Issued Date : 2012.08.20
Revised Date : 2012.08.23
Page No. : 4/9
MTB09N03V8
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
20
40
60
80
100
120
0
2468
10
VDS, Drain-Source Voltage(V)
10V, 9V, 8V, 7V, 6V
VGS=3V
VGS=4V
VGS=2V
5V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
1
10
100
1000
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=2.5V
VGS=3V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
2
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-60 -40 -20
0
20 40 60 80 100 120 140 160
Tj, Junction Temperature(°C)
VGS=10V, ID=12A
RDS(ON)@Tj=25°C : 6.8 mΩ
VGS, Gate-Source Voltage(V)
ID=12A


Similar Part No. - MTB09N03V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB09N03H8 CYSTEKEC-MTB09N03H8 Datasheet
264Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB09N03V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com