Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3218 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3218
Description  7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3218 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3218 Datasheet HTML 1Page - ON Semiconductor NCP3218 Datasheet HTML 2Page - ON Semiconductor NCP3218 Datasheet HTML 3Page - ON Semiconductor NCP3218 Datasheet HTML 4Page - ON Semiconductor NCP3218 Datasheet HTML 5Page - ON Semiconductor NCP3218 Datasheet HTML 6Page - ON Semiconductor NCP3218 Datasheet HTML 7Page - ON Semiconductor NCP3218 Datasheet HTML 8Page - ON Semiconductor NCP3218 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ADP3212, NCP3218, NCP3218G
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
VCC = PVCC = 5.0 V, FBRTN = PGND = GND = 0 V, H = 5.0 V, L = 0 V, EN = VARFREQ = H, DPRSLP = L, PSI = 1.05 V,
VVID = VDAC = 1.2000 V, TA = −40°C to 100°C, unless otherwise noted. (Note 1) Current entering a pin (sink current) has a positive sign.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VOLTAGE CONTROL
VOLTAGE ERROR AMPLIFIER (VEAMP)
FB, LLINE Voltage Range (Note 2)
VFB, VLLINE
Relative to CSREF = VDAC
−200
+200
mV
FB, LLINE Offset Voltage (Note 2)
VOSVEA
Relative to CSREF = VDAC
−0.5
+0.5
mV
LLINE Bias Current
ILLINE
−100
+100
nA
FB Bias Current
IFB
−1.0
+1.0
mA
LLINE Positioning Accuracy
VFB − VVID
Measured on FB relative to VVID,
LLINE forced 80 mV below CSREF
−77.5
−80
−82.5
mV
COMP Voltage Range (Note 2)
VCOMP
0.85
4.0
V
COMP Current
ICOMP
COMP = 2.0 V, CSREF = VDAC
FB forced 200 mV below CSREF
FB forced 200 mV above CSREF
−0.75
6
mA
COMP Slew Rate
SRCOMP
CCOMP = 10 pF, CSREF = VDAC,
Open loop configuration
FB forced 200 mV below CSREF
FB forced 200 mV above CSREF
15
−20
V/ms
Gain Bandwidth (Note 2)
GBW
Non−inverting unit gain configuration,
RFB = 1 kW
20
MHz
VID DAC VOLTAGE REFERENCE
VDAC Voltage Range (Note 2)
See VID table
0
1.5
V
VDAC Accuracy
VFB − VVID
Measured on FB (includes offset),
relative to VVID
VVID = 1.2000 V to 1.5000 V,
T = −40°C to 100°C
VVID = 0.3000 V to 1.1875 V,
T = −40°C to 100°C
−8.5
−7.5
+8.5
+7.5
mV
VDAC Differential Non−linearity
(Note 2)
−1.0
+1.0
LSB
VDAC Line Regulation
ΔVFB
VCC = 4.75 V to 5.25 V
0.02
%
VDAC Boot Voltage
(ADP3212, NCP3218)
VBOOTFB
Measured during boot delay period
1.100
V
VDAC Boot Voltage (NCP3218G)
VBOOTFB
Measured during boot delay period
987.5
mV
Soft−Start Delay (Note 2)
tDSS
Measured from EN pos edge to
FB = 50 mV
200
ms
Soft−Start Time
tSS
Measured from FB = 50 mV to FB
settles to 1.1 V within 5%
1.4
ms
Boot Delay
tBOOT
Measured from FB settling to 1.1 V
within 5% to CLKEN neg edge
60
ms
VDAC Slew Rate (Note 2)
Soft−Start
Non−LSB VID step, DPRSLP = H,
Slow C4 Entry/Exit
Non−LSB VID step, DPRSLP = L,
Fast C4 Exit
LSB VID step, DVID transition
0.0625
0.25
1.0
0.4
LSB/ms
FBRTN Current
IFBRTN
−90
−200
mA
VOLTAGE MONITORING and PROTECTION
POWER GOOD
CSREF Undervoltage Threshold
VUVCSREF
Relative to nominal VDAC voltage
−240
−300
−360
mV
CSREF Overvoltage Threshold
VOVCSREF
Relative to nominal VDAC voltage
150
200
250
mV
CSREF Crowbar Voltage
Threshold
VCBCSREF
Relative to FBRTN, VVID > 1.1 V
Relative to FBRTN, VVID ≤ 1.1 V
1.5
1.3
1.55
1.35
1.6
1.4
V
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.
3. Based on bench characterization data.
4. Timing is referenced to the 90% and 10% points, unless otherwise noted.


Similar Part No. - NCP3218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3218 ONSEMI-NCP3218 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218A ONSEMI-NCP3218A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218AMNR2G ONSEMI-NCP3218AMNR2G Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218MNR2G ONSEMI-NCP3218MNR2G Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
More results

Similar Description - NCP3218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com