Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP18WB47303RB Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NCP18WB47303RB
Description  Temperature Sensor and Compensation 0603 (1608) Size
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP18WB47303RB Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NCP18WB47303RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP18WB47303RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
1
2
3
4
5
6
7
Part Numbering
2
Basic Characteristics
6
Temperature Sensor and Compensation 0201 (0603) Size
7
Temperature Sensor and Compensation 0402 (1005) Size
8
Temperature Sensor and Compensation 0603 (1608) Size
10
Temperature Sensor and Compensation 0805 (2012) Size
12
Temperature Sensor and Compensation Chip Type Standard Land Pattern Dimensions
13
Temperature Sensor and Compensation Chip Type Temperature Characteristics (Center Value)
14
Temperature Sensor and Compensation Chip Type
!Caution/Notice
18
Temperature Sensor and Compensation Chip Type Package
22
Temperature Sensor Thermo String Type
25
Temperature Sensor Thermo String Type Specifications and Test Methods
26
Temperature Sensor Lead Type
28
Temperature Sensor Lead Type Specifications and Test Methods
29
Temperature Sensor Thermo String/Lead Type Temperature Characteristics (Center Value)
30
Temperature Sensor Thermo String/Lead Type
!Caution/Notice
31
Temperature Sensor Thermo String/Lead Type Package
32
Inrush Current Suppression Lead Type
33
Current - R Ratio (RT/R25)/Current - Temperature Characteristics (Typical)
35
Inrush Current Suppression Lead Type
!Caution/Notice
38
Inrush Current Suppression Lead Type Package
40
1
2
3
4
5
6
7


Similar Part No. - NCP18WB47303RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WB473 MURATA-NCP18WB473 Datasheet
265Kb / 10P
   for Surface Mounting Application
NCP18WB473D03RB MURATA-NCP18WB473D03RB Datasheet
1Mb / 47P
   NTC Thermistors
NCP18WB473D03RB MURATA-NCP18WB473D03RB Datasheet
208Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP18WB473D03RB MURATA1-NCP18WB473D03RB Datasheet
590Kb / 3P
   NTC for Temperature Sensor
10/17/2022
NCP18WB473D03RB MURATA1-NCP18WB473D03RB Datasheet
633Kb / 3P
   NTC for Temperature Sensor
01/10/2024
More results

Similar Description - NCP18WB47303RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
CSL1104WBX ROHM-CSL1104WBX Datasheet
962Kb / 11P
   1608 (0603) size, compact and high intensity reflector type
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
   SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com