Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2PCIE2212ZHE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2212ZHE
Description  PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2212ZHE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PCIE2212ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2212ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2212ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2212ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2212ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2212ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8971B
02/08/13
PI2PCIE2212
PCI Express® 2.0, 1-Lane 2:1 Mux/DeMux Switch w/ Single Enable
DC Electrical Characteristics (TA=–40°Cto+85°C,VDD=1.5Vto1.8V)
Parameter
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
VIH
InputHIGHVoltageControlInput,SEL
GuaranteedHIGHlevel
0.65xVDD
-
-
V
VIL
InputLOWVoltageControlInput,SEL
GuaranteedLOWlevel
-0.5
-
0.35xVDD
VIK
ClampDiodeVoltageControlInput,SEL VDD=Max.,IIN=–18mA
-
-0.7
-1.2
IIH
InputHIGHCurrentControlInput,SEL
VDD=Max.,VIN=VDD
-
-
±5
μA
IIL
InputLOWCurrentControlInput,SEL
VDD=Max.,VIN=GND
-
-
±5
VIDC
DCSignalVoltageRange,ChannelI/O
(Ax,Bx,Cx)
VO/VI>95%,RL=10K
-0.4
2.4
V
VO/VI>80%,RL=50-
ohms
-0.3
2.0
Notes:
1. TypicalvaluesareatVDD=1.8V,TA =25°Cambientandmaximumloading.
StorageTemperature......................................... –65°Cto+150°C
SupplyVoltagetoGroundPotential....................–0.5Vto+2.5V
DCInputVoltage................................................. –0.5Vto+VDD
DCOutputCurrent........................................................... 120mA
PowerDissipation................................................................ 0.5W
Note: StressesgreaterthanthoselistedunderMAXIMUMRATINGS
maycausepermanentdamagetothedevice.Thisisastressratingonly
andfunctionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisspecification
isnotimplied.Exposuretoabsolutemaximumratingconditionsfor
extendedperiodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
Power Supply Characteristics
Parameters
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
ICC
QuiescentPowerSupplyCurrent
VDD=Max.,VIN=GNDorVDD
200
400
µA
Notes:
1. TypicalvaluesareatVDD=1.8V,TA =25°Cambientandmaximumloading.
Dynamic Electrical Characteristics(2) (TA=-40ºto+85ºC,VDD=1.5Vto1.8V)
Parameter Description
Test Conditions
Min.
Typ.(1)
Max.
Units
XTALK
Crosstalk
f=2.5GHz
-38
dB
OIRR
OFFIsolation
f=2.5GHz
-25
ILOSS
Differential
InsertionLoss
f=2.5GHz
-2.0
BW
Bandwidth-3dB
3.8
GHz
VIf
MaxSignalFre-
quencyRange
Insertionloss1.5dB,VIN=0.6Vpp,DC=0V
2.5
Insertionloss1.5dB,VIN=0.6Vpp,DC=0.9V
2.5
Insertionloss3.0dB,VIN=0.6Vpp,DC=0V
4.0
Insertionloss3.0dB,VIN=0.6Vpp,DC=0.9V
4.0
P-1dB
1dBCompression
InputSignal
RL=50,f=625MHz,Sinewave,DC=0V
1.2
Vpp
RL=50,f=625MHz,Sinewave,DC=0.45V
2.0
RL=50,f=625MHz,Sinewave,DC=0.9V
2.4
Notes:
1. TypicalvaluesareatVDD=1.8V,TA =25°Cambientandmaximumloading.
2. Guaranteedbydesign.
13-0023


Similar Part No. - PI2PCIE2212ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI2PCIE2214ZHEX PERICOM-PI2PCIE2214ZHEX Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
More results

Similar Description - PI2PCIE2212ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
   3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
   3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com