Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC457S0NIP0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC457S0NIP0F
Description  High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457S0NIP0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC457S0NIP0F Datasheet HTML 3Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 4Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 5Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 6Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 7Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 8Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 9Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 10Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Sheet No.: D2-A09101EN
PC457S0NIP0F Series
Fig.5 Forward Current vs. Forward Voltage
Fig.6 Relative Current Transfer Ratio vs.
Forward Current
Fig.7 Output Current vs. Output Voltage
Fig.8 Relative Current Transfer Ratio vs.
Ambient Temperature
0.1
10
1
100
1.2
1
1.4
1.6
1.8
2
Forward voltage VF (V)
Ta=50˚C
Ta=25˚C
Ta=100˚C
Ta=−40˚C
Ta=0˚C
2
0.5
0
Ambient temperature Ta (˚C)
0.1
1
100
10
Normalized
Ta=25˚C
VCC=5V
VO=0.4V
IF=16mA
1
1.5
10
15
0
5
IF=20mA
IF=25mA
IF=15mA
IF=10mA
IF=5mA
Output voltage VO (V)
0
5
10
15
20
Ta=25˚C
VCC=5V
1.5
1
0
Ambient temperature Ta (˚C)
−60
−40
−20
0
20
40
60
100
80
Normalized
Ta=25˚C
VCC=5V
VO=0.4V
IF=16mA
0.5
Ambient temperature Ta (˚C)
1
10
100
1 000
0.01
0.1
VCC=VO=5V
IF=0
−60
−40
−20
0
20
40
60
100
80
−55 −40
−20
0
20
40
60
100
80
0
800
400
600
Ambient temperature Ta (˚C)
200
VCC=5V
CL=15pF
RL=1.9kΩ
tPLH (IF=10mA)
tPHL (IF=10mA)
tPHL (IF=16mA)
tPLH (IF=16mA)
Fig.9 High Level Output Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs.
Ambient Temperature


Similar Part No. - PC457S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12C3 PICKER-PC4571A-12C3 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12C5 PICKER-PC4571A-12C5 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12S3 PICKER-PC4571A-12S3 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12S5 PICKER-PC4571A-12S5 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
More results

Similar Description - PC457S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
   High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
   High Speed 1Mb/s, High CMR Mini-flat Package
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
logo
Sharp Corporation
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
   High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
   High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com