Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSB20-8-4 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PCSB20-8-4
Description  Multi-Tap Connector with Clear Insulation, Double-Sided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCSB20-8-4 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PCSB20-8-4 Datasheet HTML 1Page - PANDUIT CORP. PCSB20-8-4 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL SOLUTIONS
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Multi-Tap Connector with Clear Insulation, Double-Sided
• Flexible design – can be used as a tap, splice, or dead
end connector
• Body made from high strength, extruded aluminum alloy to
provide premium electrical and mechanical performance
• Insulated with clear PVC to eliminate the need for taping and
allow for visual inspection of the complete conductor insertion
• Each port pre-filled with oxide inhibiting joint compound seals
out air and moisture to deter surface oxidation
• Wide wire range-taking capability minimizes inventory requirements
• Dual-sided entry allows offset and opposite entry for primary and
secondary conductors
• Plated steel or aluminum set screw provides high strength, durable
electrical contact between conductor and connector
• UL Listed and CSA Certified for use up to 600 V and temperature
rated 90°C
W
L
For Use with Aluminum or Copper Code Conductors
Type PCSB
‡‡Not UL Listed or CSA Certified.
S
H
Part Number
Conductor Size Range
No. of Ports
Figure Dimensions
(In.)
Hex Key
Size (In.)
Std.
Pkg.
Qty.
L
W
H
S
PCSB4-2-12Y
#4 – #14 AWG STR
#10 – #14 AWG SOL
2
1.23
1.50
1.25
0.53
1/8
12
PCSB4-3-12Y
3
1.76
1.50
1.25
0.53
1/8
12
PCSB4-4-6Y
4
2.29
1.50
1.25
0.53
1/8
6
PCSB4-5-6Y
5
2.82
1.50
1.25
0.53
1/8
6
PCSB4-6-6Y
6
3.35
1.50
1.25
0.53
1/8
6
PCSB4-8-4Y
8
4.41
1.50
1.25
0.53
1/8
4
PCSB4-10-4Y
10
5.47
1.50
1.25
0.53
1/8
4
PCSB4-12-3Y
12
6.53
1.50
1.25
0.53
1/8
3
PCSB4-14-2Y
14
7.59
1.50
1.25
0.53
1/8
2
PCSB2/0-2-12
2/0 – #14 AWG STR
#10 – #14 AWG SOL
2
1.52
1.56
1.38
0.67
3/16
12
PCSB2/0-3-6
3
2.19
1.56
1.38
0.67
3/16
6
PCSB2/0-4-6
4
2.86
1.56
1.38
0.67
3/16
6
PCSB2/0-5-6
5
3.53
1.56
1.38
0.67
3/16
6
PCSB2/0-6-6
6
4.20
1.56
1.38
0.67
3/16
6
PCSB2/0-8-4
8
5.55
1.56
1.38
0.67
3/16
4
PCSB2/0-10-2Y
10
6.89
1.56
1.38
0.67
3/16
2
PCSB2/0-12-2Y
12
8.24
1.56
1.38
0.67
3/16
2
PCSB2/0-14-1Y
14
9.58
1.56
1.38
0.67
3/16
1
PCSB250-2-6Y
250 kcmil – #10 AWG STR
2
2.03
2.63
2.13
0.94
5/16
6
PCSB250-3-6Y
3
2.97
2.63
2.13
0.94
5/16
6
PCSB250-4-6Y
4
3.91
2.63
2.13
0.94
5/16
6
PCSB250-5-4Y
5
4.84
2.63
2.13
0.94
5/16
4
PCSB250-6-4Y
6
5.78
2.63
2.13
0.94
5/16
4
PCSB250-8-3Y
8
7.66
2.63
2.13
0.94
5/16
3
PCSB250-10-2Y
10
9.53
2.63
2.13
0.94
5/16
2
PCSB250-12-2Y
12
11.41
2.63
2.13
0.94
5/16
2
PCSB250-14-1Y
14
13.29
2.63
2.13
0.94
5/16
1


Similar Part No. - PCSB20-8-4

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSB20-101M-RC ALLIED-PCSB20-101M-RC Datasheet
774Kb / 1P
   Power Chip Shielded Backlight Inductors
PCSB20-101M-RC ALLIED-PCSB20-101M-RC Datasheet
804Kb / 1P
   Power Chip Shielded Backlight Inductors
PCSB20-102M-RC ALLIED-PCSB20-102M-RC Datasheet
774Kb / 1P
   Power Chip Shielded Backlight Inductors
PCSB20-102M-RC ALLIED-PCSB20-102M-RC Datasheet
804Kb / 1P
   Power Chip Shielded Backlight Inductors
PCSB20-103M-RC ALLIED-PCSB20-103M-RC Datasheet
774Kb / 1P
   Power Chip Shielded Backlight Inductors
More results

Similar Description - PCSB20-8-4

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBS6004 HUBBELL-BIBS6004 Datasheet
262Kb / 2P
   Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 1 Sided Entry, 4 Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 1 Sided Entry, 4
BIBS6003 HUBBELL-BIBS6003 Datasheet
264Kb / 2P
   Aluminum Multiple Tap Connector, Clear Insulated, 3 Port, 1 Sided Entry, 4 Aluminum Multiple Tap Connector, Clear Insulated, 3 Port, 1 Sided Entry, 4
BIBD48FX HUBBELL-BIBD48FX Datasheet
261Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD25010FX HUBBELL-BIBD25010FX Datasheet
257Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD3503FX HUBBELL-BIBD3503FX Datasheet
260Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD60014 HUBBELL-BIBD60014 Datasheet
262Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD75012FX HUBBELL-BIBD75012FX Datasheet
260Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD2012FX HUBBELL-BIBD2012FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD6006FX HUBBELL-BIBD6006FX Datasheet
261Kb / 2P
   MULTI-PORT Double-Sided Entry.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com