Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF54 Datasheet(PDF) 4 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF54
Description  Glass Passivated TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF54 Datasheet(HTML) 4 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF54 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF54 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF54 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF54 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TVS: SMF5.0 thru SMF170A
Glass Passivated TVS
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
http://www.trr-jx.com


Similar Part No. - SMF54

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SMF54(C)A CHENDA-SMF54(C)A Datasheet
579Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
SMF54A DIOTEC-SMF54A Datasheet
184Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
SMF54A LUGUANG-SMF54A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
HuaXinAn Electronics CO...
SMF54A HUAXINAN-SMF54A Datasheet
430Kb / 5P
   200W Transient Voltage Suppressors
logo
Vishay Siliconix
SMF54A VISHAY-SMF54A Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
More results

Similar Description - SMF54

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
1.5SMC6.8A JUXING-1.5SMC6.8A Datasheet
807Kb / 4P
   Glass Passivated TVS
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
   INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GBU8A EIC-GBU8A Datasheet
168Kb / 2P
   Glass Passivated
GBU8005 EIC-GBU8005 Datasheet
64Kb / 2P
   Glass Passivated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com