Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6790 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON6790
Description  30V N-Channel MOSFET SRFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6790 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON6790 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6790 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6790 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6790 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6790 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6790 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6790 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AON6790
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
10
20
30
40
0
25
50
75
100
125
150
TCASE (°C)
Figure 13: Power De-rating (Note F)
0
20
40
60
80
0
25
50
75
100
125
150
TCASE (°C)
Figure 14: Current De-rating (Note F)
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
TA=25°C
RθJA=50°C/W
1
10
100
1000
1
10
100
1000
Time in avalanche, tA (µs)
Figure 12: Single Pulse Avalanche capability
(Note C)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
Rev0 : Oct 2010
www.aosmd.com
Page 5 of 7


Similar Part No. - AON6790

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6792 AOSMD-AON6792 Datasheet
331Kb / 6P
   RoHS and Halogen-Free Compliant
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AON6796 AOSMD-AON6796 Datasheet
351Kb / 6P
   RoHS and Halogen-Free Compliant
More results

Similar Description - AON6790

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6764 AOSMD-AON6764 Datasheet
248Kb / 6P
   30V N-Channel SRFET
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com