Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIUR-02H-331 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-02H-331
Description  Mini Drum Core Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-02H-331 Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-02H-331 Datasheet HTML 1Page - Abracon Corporation AIUR-02H-331 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.15.14
Visit www.abracon.com for Terms & Conditions of Sale
Mini Drum Core Inductor
AIUR-02H Series
• Ferrite core with heat shrink tube
• High Reliability
PARAMETERS
ABRACON P/N:
AIUR-02H Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
-25°C to + 85°C
12.0 x ϕ8.5 mm
• Switching Power Supplies
• Noise Filtering
• DC to DC Converters
• Electronic Household Appliances
• Buzzers and Alarm Systems
• Television and Audio Equipment
Part Number
Inductance
Tolerance
Q (Min)
Test Frequency
DCR (Max)
Saturation
Current (Max)
Temperature
Rise Current
(Max)
Inductance
Code
Units
μH
%
MHz
Ω
A
Symbol
L
J, K, M
DCR
Isat
IDC
AIUR-02H-1R0
1.0
M
15
7.96
0.021
8.60
3.5
1R0M
AIUR-02H-2R2
2.2
M
15
7.96
0.026
6.30
3.2
2R2M
AIUR-02H-3R3
3.3
M
15
7.96
0.030
5.40
2.7
3R3M
AIUR-02H-4R7
4.7
M
15
7.96
0.034
4.60
2.5
4R7M
AIUR-02H-6R8
6.8
M
15
7.96
0.037
4.10
2.3
6R8M
AIUR-02H-100
10
J, K
20
2.52
0.044
3.40
2.0
100J/100K
AIUR-02H-120
12
J, K
20
2.52
0.049
3.10
1.9
120J/120K
AIUR-02H-150
15
J, K
20
2.52
0.054
2.90
1.8
150J/150K
AIUR-02H-180
18
J, K
20
2.52
0.058
2.66
1.6
180J/180K
AIUR-02H-220
22
J, K
20
2.52
0.065
2.40
1.4
220J/220K
AIUR-02H-270
27
J, K
20
2.52
0.072
2.20
1.3
270J/270K
AIUR-02H-330
33
J, K
20
2.52
0.080
2.05
1.1
330J/330K
AIUR-02H-390
39
J, K
20
2.52
0.101
1.85
1.1
390J/390K
AIUR-02H-470
47
J, K
20
2.52
0.121
1.77
0.99
470J/470K
AIUR-02H-560
56
J, K
20
2.52
0.145
1.48
0.90
560J/560K
AIUR-02H-680
68
J, K
20
2.52
0.161
1.36
0.81
680J/680K
AIUR-02H-820
82
J, K
20
2.52
0.174
1.30
0.76
820J/820K
AIUR-02H-101
100
J, K
20
0.79
0.21
1.40
0.72
101J/101K
AIUR-02H-121
120
J, K
20
0.79
0.24
1.25
0.67
121J/121K
AIUR-02H-151
150
J, K
20
0.79
0.27
1.15
0.61
151J/151K
AIUR-02H-181
180
J, K
20
0.79
0.30
1.08
0.54
181J/181K
AIUR-02H-221
220
J, K
20
0.79
0.34
1.00
0.50
221J/221K
AIUR-02H-271
270
J, K
20
0.79
0.39
0.90
0.41
271J/271K
AIUR-02H-331
330
J, K
20
0.79
0.62
0.78
0.39
331J/331K
AIUR-02H-391
390
J, K
20
0.79
0.69
0.74
0.37
391J/391K
AIUR-02H-471
470
J, K
20
0.79
0.77
0.68
0.32
471J/471K
AIUR-02H-561
560
J, K
20
0.79
0.83
0.64
0.30
561J/561K
AIUR-02H-681
680
J, K
15
0.79
0.94
0.59
0.27
681J/681K
AIUR-02H-821
820
J, K
15
0.79
1.03
0.56
0.24
821J/821K
AIUR-02H-102
1000
J, K
15
0.25
1.18
0.51
0.22
102J/102K
AIUR-02H-222
2200
J, K
15
0.25
3.00
0.20
0.10
222J/222K
Test Conditions and equipments
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value
IDC: The DC current at which the temperature rise is 40oC max
Pb RoHS/RoHS II compliant


Similar Part No. - AIUR-02H-331

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-02H-331 ABRACON-AIUR-02H-331 Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
More results

Similar Description - AIUR-02H-331

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
AIUR-03_SERIES ABRACON-AIUR-03_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
04.24.13
AIUR-01_SERIES ABRACON-AIUR-01_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
01.17.13
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
logo
Pulse A Technitrol Comp...
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com