Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4570 Datasheet(PDF) 3 Page - NEC

Part # 2SC4570
Description  NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4570 Datasheet(HTML) 3 Page - NEC

  2SC4570 Datasheet HTML 1Page - NEC 2SC4570 Datasheet HTML 2Page - NEC 2SC4570 Datasheet HTML 3Page - NEC 2SC4570 Datasheet HTML 4Page - NEC 2SC4570 Datasheet HTML 5Page - NEC 2SC4570 Datasheet HTML 6Page - NEC 2SC4570 Datasheet HTML 7Page - NEC 2SC4570 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC4570
TYPICAL CHARACTERISTICS (TA = 25
C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
150
100
50
0
50
100
150
Ta-Ambient Temperature-
°C
10
50
20
100
200
0.5
1
5
210
20
50
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
0
8
16
24
0.2
0.4
0.6
0.8
1.0
VBE-Base to Emitter Voltage-V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 5 V
8
4
16
12
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Free Air
120 mW
0
10
20
30
246
8
10
VCE-Collector to Emitter Voltage-V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
µ
20 A
IB = 160 A
µ
VCE = 5 V
0
0.5
1
5
210
20
50
IC-Collector Current-mA
0
2
4
6
8
15
2
10
100
50
20
0.5
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
f = 1 GHz
f = 1 GHz
3 V
VCE = 5 V
3 V
VCE = 5 V


Similar Part No. - 2SC4570

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4570 ISC-2SC4570 Datasheet
280Kb / 9P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4570 RENESAS-2SC4570 Datasheet
268Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
2SC4570-T1 RENESAS-2SC4570-T1 Datasheet
268Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC4570

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
2SC1623 RENESAS-2SC1623_15 Datasheet
229Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com