Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3A-20DA-2SV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A3A-20DA-2SV
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A3A-20DA-2SV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A3A-20DA-2SV Datasheet HTML 1Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 2Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 3Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 4Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 5Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 6Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 7Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 8Page - List of Unclassifed Manufacturers A3A-20DA-2SV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
C13
A3 • A4 Series
2mm Pitch Miniature Connector
Part Number
A3B-04PA-2DSA(71)
A3B-06PA-2DSA(71)
A3B-08PA-2DSA(71)
A3B-10PA-2DSA(71)
A3B-12PA-2DSA(71)
A3B-14PA-2DSA(71)
A3B-16PA-2DSA(71)
A3B-18PA-2DSA(71)
A3B-20PA-2DSA(71)
A3B-22PA-2DSA(71)
A3B-24PA-2DSA(71)
A3B-26PA-2DSA(71)
A3B-28PA-2DSA(71)
A3B-30PA-2DSA(71)
A3B-32PA-2DSA(71)
CL No.
621-0401-1-71
621-0402-4-71
621-0403-7-71
621-0404-0-71
621-0405-2-71
621-0406-5-71
621-0407-8-71
621-0408-0-71
621-0409-3-71
621-0410-2-71
621-0411-5-71
621-0412-8-71
621-0413-0-71
621-0414-3-71
621-0415-6-71
Number of Contacts
A
B
RoHS
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
YES
■Pin Header
BPCB mounting pattern
●A3B Straight Type
Part Number
A3B-04PA-2DS(71)
A3B-06PA-2DS(71)
A3B-08PA-2DS(71)
A3B-10PA-2DS(71)
A3B-12PA-2DS(71)
A3B-14PA-2DS(71)
A3B-16PA-2DS(71)
A3B-18PA-2DS(71)
A3B-20PA-2DS(71)
A3B-22PA-2DS(71)
A3B-24PA-2DS(71)
A3B-26PA-2DS(71)
A3B-28PA-2DS(71)
A3B-30PA-2DS(71)
A3B-32PA-2DS(71)
A3B-44PA-2DS(71)
A3B-50PA-2DS(71)
CL No.
621-0351-5-71
621-0352-8-71
621-0353-0-71
621-0354-3-71
621-0355-6-71
621-0356-9-71
621-0357-1-71
621-0358-4-71
621-0359-7-71
621-0360-6-71
621-0361-9-71
621-0362-1-71
621-0363-4-71
621-0364-7-71
621-0365-0-71
621-0377-9-71
621-0383-1-71
Kink Positions
RoHS
2
1 or 2 alternately
2 alternately
2 or 3 alternately
3 alternately
3 or 4 alternately
4 alternately
4 or 5 alternately
5 alternately
5 or 6 alternately
6 alternately
6 or 7 alternately
7 alternately
7 or 8 alternately
8 alternately
11 alternately
12 or 13 alternately
YES
Number of Contacts
A
B
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
44
50
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
44.0
50.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
42.0
48.0
●A3B Right Angle Type
Note: Please, order the product per 100 pcs.
Note 1: Please order the product per 100 pcs.
Note 2: Diameter of 28 or more contacts is Ø0.95±0.04.
B±0.1
2±0.05
Ø0.8
+0.1
_0
BPCB mounting pattern
B±0.1
2±0.05
Ø0.9±0.04
Note 2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3A-20DA-2SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-20DA-2SV ETC2-A3A-20DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3A-20DA-2SV HIROSE-A3A-20DA-2SV Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3A-20DA-2SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com