Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4703 Datasheet(PDF) 2 Page - NEC

Part # 2SC4703
Description  MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4703 Datasheet(HTML) 2 Page - NEC

  2SC4703 Datasheet HTML 1Page - NEC 2SC4703 Datasheet HTML 2Page - NEC 2SC4703 Datasheet HTML 3Page - NEC 2SC4703 Datasheet HTML 4Page - NEC 2SC4703 Datasheet HTML 5Page - NEC 2SC4703 Datasheet HTML 6Page - NEC 2SC4703 Datasheet HTML 7Page - NEC 2SC4703 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC4703
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.5
AVCB = 20 V, IE = 0
Emitter Cutoff Current
IEBO
1.5
AVEB = 2 V, IC = 0
DC Current Gain
hFE
50
250
VCE = 5 V, IC = 5 mA *1
Gain Bandwidth Product
fT
6.0
GHz
VCE = 5 V, IC = 5 mA
Collector Capacitance *2
Cob
1.5
2.5
pF
VCB = 5 V, IE = 0, f = 1 MHz
Insertion Gain
S21e
2
6.5
8.3
dB
VCE = 5 V, IC = 50 mA, f = 1 GHz
8.5
VCE = 10 V, IC = 20 mA, f = 1 GHz
Noise Figure
NF
2.3
3.5
dB
VCE = 5 V, IC = 50 mA, f = 1 GHz
2nd Order
IM2
55
dB
VCE = 5 V
Intermoduration Distortion
63
VCE = 10 V
3rd Order
IM3
76
dB
VCE = 5 V
Intermoduration Distortion
81
VCE = 10 V
*1 Puls Measurement PW
 350 s, Duty Cycle  2 %
*2 Emitter terminal should be connected to the guard terminal of the three terminal capacitance bridge.
hFE Classification
Class
SH
SF
SE
Marking
SH
SF
SE
hFE
50 to 100
80 to 160
125 to 250
TYPICAL CHARACTERISTICS (TA = 25
C)
IC vs. VCE
IC vs. VBE
VCE-Collector to Emitter Voltage-V
VBE-Base to Emitter Voltage-V
IB = 0.7mA
VCE=10V
5V
0.6
0.5
0.4
0.3
0.2
0.1
02468
10
12
14
120
100
80
60
40
20
1000
100
100
10
0.1
0.2
0.4
0.6
0.8
1.0
1.2
IC = 50 mA,
VO = 105 dB
/75
f = 190 MHz
 90 MHz
IC = 50 mA,
VO = 105 dB
/75
f = 2
 190 MHz  200 MHz


Similar Part No. - 2SC4703

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4703 RENESAS-2SC4703 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
California Eastern Labs
2SC4703 CEL-2SC4703 Datasheet
163Kb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
logo
Inchange Semiconductor ...
2SC4703 ISC-2SC4703 Datasheet
269Kb / 2P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4703-A RENESAS-2SC4703-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC4703-T1 RENESAS-2SC4703-T1 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
More results

Similar Description - 2SC4703

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com