Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4119 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL4119
Description  Fast Switching Surface Mount Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL4119 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL4119 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL4119 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4620~LL4125
Features
Small surface mounting type
High reliability
Low current operation at 250uA
Applications
Voltage stabilization
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
RthJA300K/W
PV
500
mW
Z-current
IZ
PV/VZ
mA
Junction temperature
Tj
175
Storage temperature range
Tstg
-65~+175
Stresses exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stresses above the recommended operating conditions may
affect device reliability.
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.1
V
Fast Switching Surface Mount Diode
MINI MELF
Dimension in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LL4119

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
logo
GOOD-ARK Electronics
LL41 GOOD-ARK-LL41 Datasheet
60Kb / 1P
   Small-Signal Diode
logo
Vishay Siliconix
LL41 VISHAY-LL41 Datasheet
142Kb / 5P
   Small Signal Schottky Diode
Rev. 1.5, 21-Jul-06
LL41 VISHAY-LL41 Datasheet
92Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
logo
SynSemi, Inc.
LL41 SYNSEMI-LL41 Datasheet
28Kb / 1P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - LL4119

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com