Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS61089B Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # TS61089B
Description  Dual Programmable Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

TS61089B Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  TS61089B Datasheet HTML 1Page - Bruckewell Technology LTD TS61089B Datasheet HTML 2Page - Bruckewell Technology LTD TS61089B Datasheet HTML 3Page - Bruckewell Technology LTD TS61089B Datasheet HTML 4Page - Bruckewell Technology LTD TS61089B Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS61089
Electrical Parameter
Symbol
Parameter
ID
Off-state current
IH
Holding current
V(BO)
Breakover voltage
VF
Forward voltage
VFRM
Peak forward recovery voltage
VGK(BO)
Gate-cathode impluse breakover voltage
IGKS
Gate reverse current
IGT
Gate trigger current
VGT
Gate-cathode trigger voltage
CKA
Cathode-anode off-state capacitance
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Test Conditions
Min
Typ
Max
Unit
-5
uA
ID
Off-state current
VD=VDRM, VGK=0
TJ=25 ℃
TJ=85 ℃
-50
uA
V(BO)
Breakover voltage
2/10us,IPP=-56A,RS=45Ω,VGG=-48V,CG=220nF
2/10us,IPP=-100A,RS=50Ω,VGG=-48V,CG=220nF
1.2/50us,IPP=-53A,RS=47Ω,VGG=-48V,CG=220nF
1.2/50us,IPP=-96A,RS=52Ω,VGG=-48V,CG=220nF
-57
-60
-60
-64
V
VGK(BO)
Gate-cathode impulse
Breakover voltage
2/10us,IPP=-56A,RS=45Ω,VGG=-48V,CG=220nF
2/10us,IPP=-100A,RS=50Ω,VGG=-48V,CG=220nF
1.2/50us,IPP=-53A,RS=47Ω,VGG=-48V,CG=220nF
1.2/50us,IPP=-96A,RS=52Ω,VGG=-48V,CG=220nF
9
12
12
16
V
VF
Forward voltage
IF = 5 A, TW = 200 us
3
V
VFRM
Peak forward recovery
voltage
2/10us,IPP=-56A,RS=45Ω,VGG=-48V,CG=220nF
2/10us,IPP=-100A,RS=50Ω,VGG=-48V,CG=220nF
1.2/50us,IPP=-53A,RS=47Ω,VGG=-48V,CG=220nF
1.2/50us,IPP=-96A,RS=52Ω,VGG=-48V,CG=220nF
6
8
8
12
V
IH
Holding current
IT = -1 A, di/dt = 1A/ms, VGG =-48 V
-150
mA
-5
uA
IGKS
Gate reverse current
VGG = VGK = VGKRM, VKA = 0
TJ=25 ℃
TJ=85 ℃
-50
uA
IGT
Gate trigger current
IT = -3 A, tp(g) ≥ 20 us, VGG = -48V
5
mA
VGT
Gate-cathode trigger
voltage
IT = -3 A, tp(g) ≥ 20 us, VGG = -48V
2.5
V
QGS
Gate switching charge
1.2/50us,IPP=-53A,RS=47Ω,VGG=-48V, CG=220nF
0.1
uC
VD= -3 V
100
pF
CKA
Cathode-anode off-
State capacitance
F=1 MHz, Vd=1V, IG=0
VD=-48 V
50
pF


Similar Part No. - TS61089B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Similar Description - TS61089B

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
S61089 SOCAY-S61089 Datasheet
306Kb / 3P
   Dual Programmable Transient Voltage Suppressor(TVS)
logo
Shanghai Leiditech Elec...
LM61089H LEIDITECH-LM61089H Datasheet
659Kb / 6P
   Dual programmable transient suppressor.
LMOS61089B-17 LEIDITECH-LMOS61089B-17 Datasheet
834Kb / 6P
   Dual programmable transient suppressor
LM61089B LEIDITECH-LM61089B Datasheet
837Kb / 6P
   Dual programmable transient suppressor
LM61089L LEIDITECH-LM61089L Datasheet
695Kb / 6P
   Dual programmable transient suppressor.
61089B LEIDITECH-61089B Datasheet
840Kb / 6P
   Dual programmable transient suppressor
LMOS61089-17 LEIDITECH-LMOS61089-17 Datasheet
837Kb / 6P
   Dual programmable transient suppressor
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
   Dual line programmable transient voltage suppressor for SLIC protection
February 2017 Rev 7
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com