Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3G-L12 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3G-L12
Description  Distance-setting Photoelectric Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-L12 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3G-L12 Datasheet HTML 5Page - Omron Electronics LLC E3G-L12 Datasheet HTML 6Page - Omron Electronics LLC E3G-L12 Datasheet HTML 7Page - Omron Electronics LLC E3G-L12 Datasheet HTML 8Page - Omron Electronics LLC E3G-L12 Datasheet HTML 9Page - Omron Electronics LLC E3G-L12 Datasheet HTML 10Page - Omron Electronics LLC E3G-L12 Datasheet HTML 11Page - Omron Electronics LLC E3G-L12 Datasheet HTML 12Page - Omron Electronics LLC E3G-L12 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
10
J
ADJUSTMENTS
If the sensor is not in stable operation due to color differences, make a fine adjustment of the threshold level and confirm that the sensor
operates in stable state. Refer to Manual Teaching (Fine Distance Setting.
Adjustment Steps
1
Install, wire, and turn on the sensor.
2
Perform distance setting (teaching). Refer to Distance Setting (Teaching) below.
3
Make a fine adjustment of the threshold, if necessary.
Refer to Manual Teaching (Fine Distance Setting)
4
Check that the mode selector is set to RUN.
Distance Setting (Teaching)
Select the most appropriate teaching method in reference to the following descriptions.
1
2
3
Application
$
Teaching without sensing
objects (i.e., Teaching the
background).
$
$
Detection of slight differences
in surface level.
Setting a threshold in the
middle between the
background and sensing object
for operation.
$
Detection of glossy objects in
front of the background.
Teaching
1
Normal one-point teaching
2
Normal two-point teaching
3
Zone one-point teaching
Setting method
Press the TEACH button with
the background object.
present.
Sensor
Background
Press the TEACH button with
the background object and
with the target object.
Sensor
Background
Background
Sensor
Object
Press the TEACH button with
the background object
(conveyor, etc.).
Background
Sensor
Set threshold
Threshold (a) is set immediately in
front of the background.
Threshold (a) is set approximately
in the middle between the
background and target object.
A pair of thresholds, (a) and (b),
are set.
Output ON range
The output is ON between the
sensor and La.
E3G-L
The output is ON between the
sensor and La.
E3G-L
Object
The output is ON between La and
Lb.
E3G-L
ON
OFF
D-ON L-ON
Output ON range
Threshold a (La)
Background
ON
ON
Threshold a (La)
Background
Object
Threshold a (La)
ON
Background
Threshold b (Lb)
ON
OFF
OFF
La: Distance equivalent to threshold (a)
Lb: Distance equivalent to threshold (b)
The following settings are also possible:
Setting the maximum sensing distance of the sensor: Maximum distance setting.
Setting the minimum differential travel of the sensor: Minimum distance setting.
Distance from sensor to background must not exceed the values shown below during
normal one-point or zone one-point teaching.
Part number
Distance from sensor to background
E3G-L1j
32 mm (1.26 in) min.
E3G-L3j
55 mm (2.17 in) min.
Maximum sensing distance of E3G-L3 type may differ by color of the target object
when setting distance is more than 150 mm (5.91 in).
Confirm the operation of the sensor before actual operation.


Similar Part No. - E3G-L12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-L73 OMRON-E3G-L73 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L73 OMRON-E3G-L73 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3G-L12

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-407-505 CONTRINEX-DTL-C55PA-TMS-407-505 Datasheet
375Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-129 CONTRINEX-DTR-C23PB-TLS-129 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-503 CONTRINEX-DTL-C55PA-TMS-119-503 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
logo
Panasonic Semiconductor
SH-21 PANASONIC-SH-21 Datasheet
821Kb / 14P
   Slim Body Automatic Sensitivity Setting Photoelectric Sensor
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com