Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3G-L12 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3G-L12
Description  Distance-setting Photoelectric Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-L12 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3G-L12 Datasheet HTML 6Page - Omron Electronics LLC E3G-L12 Datasheet HTML 7Page - Omron Electronics LLC E3G-L12 Datasheet HTML 8Page - Omron Electronics LLC E3G-L12 Datasheet HTML 9Page - Omron Electronics LLC E3G-L12 Datasheet HTML 10Page - Omron Electronics LLC E3G-L12 Datasheet HTML 11Page - Omron Electronics LLC E3G-L12 Datasheet HTML 12Page - Omron Electronics LLC E3G-L12 Datasheet HTML 13Page - Omron Electronics LLC E3G-L12 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
11
J
ADJUSTMENTS (CONT.)
Normal One-point Teaching
Sensor
Background
Threshold a (La)
E3G-L
Background
ON
Procedure
Operation
Panel status
1
Set the mode selector to TEACH.
NORM L
2
Set the NORMAL/ZONE mode selector to NORMAL.
OUT
NORM L
3
Press the SET button with the background. The threshold
indicator (red) will turn ON.
Threshold indicator
(red) turns ON.
TEACH
ZONE D
NEAR
SET
4
Set the mode selector to RUN.
(red) turns ON.
ADJ
5
Set to L-ON or D-ON mode with the operation mode selector.
L-ON: Output ON between background and sensor.
D-ON: Output OFF between background and sensor.
Press
RUN
FAR
Application Example 1
Adjusting the sensor differential travel to the minimum distance.
OUT
NORM L
1
Set the mode selector to TEACH.
TEACH
ZONE D
NEAR
SET
2
Set the NORMAL/ZONE mode selector to NORMAL.
ADJ
TEACH
SET
3
Set the UP/DOWN selector to down.
RUN
FAR
4
Press the SET button for 3 s or more. The threshold indicator
(red) will turn ON.
Press
Press the SET
button for 3 s
Set the
mode selec-
5
The distance indicator (green) will turn ON. This means that
teaching is successful. Set the mode selector to RUN to
complete the teaching operation.
button for 3 s
or more.
mode selec-
tor to RUN.
Threshold indicator
Distance indicator
6
Set to L-ON or D-ON mode with the operation mode selector.
Threshold indicator
(red) turns ON.
Distance indicator
(green) turns ON.
Application Example 2
Setting the sensor to the maximum distance.
OUT
NORM L
1
Set the mode selector to TEACH.
ZONE D
NEAR
SET
2
Set the NORMAL/ZONE mode selector to NORMAL.
ADJ
TEACH
SET
3
Set the UP/DOWN selector to up.
RUN
ADJ
FAR
4
Press the SET button for 3 s or more. The threshold indicator
(red) will turn ON.
Press
Press the SET
button for 3 s
Set the mode
selector to
FAR
5
The distance indicator (green) will turn ON. This means that
teaching is successful. Set the mode selector to RUN to
complete the teaching operation.
button for 3 s
or more.
selector to
RUN.
6
Set to L-ON or D-ON mode with the operation mode selector.
Threshold indicator
(red) turns ON.
Distance indicator
(green) turns ON.
La: Distance equivalent to threshold (a)


Similar Part No. - E3G-L12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-L73 OMRON-E3G-L73 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L73 OMRON-E3G-L73 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3G-L12

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-407-505 CONTRINEX-DTL-C55PA-TMS-407-505 Datasheet
375Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-129 CONTRINEX-DTR-C23PB-TLS-129 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-503 CONTRINEX-DTL-C55PA-TMS-119-503 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
logo
Panasonic Semiconductor
SH-21 PANASONIC-SH-21 Datasheet
821Kb / 14P
   Slim Body Automatic Sensitivity Setting Photoelectric Sensor
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com